Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 43 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 39Page - Texas Instruments TNETX3100 Datasheet HTML 40Page - Texas Instruments TNETX3100 Datasheet HTML 41Page - Texas Instruments TNETX3100 Datasheet HTML 42Page - Texas Instruments TNETX3100 Datasheet HTML 43Page - Texas Instruments TNETX3100 Datasheet HTML 44Page - Texas Instruments TNETX3100 Datasheet HTML 45Page - Texas Instruments TNETX3100 Datasheet HTML 46Page - Texas Instruments TNETX3100 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
43
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
EEPROM auto-configuration from an external x24C02 EEPROM
The EEPROM can be initialized or reprogrammed through the DIO/host interface using suitable driver software.
The organization of the EEPROM data is shown in Table 7. The last register loaded is the control register. This
allows a complete initialization by downloading the contents of the EEPROM into the address-lookup table
TNETX15VEPGE. During the download, no DIO operations are permitted. The LOAD and RESET bits in the
control register cannot be set during a download, preventing a download loop.
The TNETX3100 detects the presence or absence of the EEPROM. If it is not installed, the EDIO terminal is
tied low. For EEPROM operation, the terminal requires an external pullup (see EEPROM data sheet). When
no EEPROM is detected, the TNETX3100 assumes default register values at power up and is halted.
Downloading a configuration from the EEPROM terminals is disabled when no EEPROM is present.
The first bit written to or read from the EEPROM is the most-significant bit of the byte, i.e., data bit 7. Therefore,
writing the address 0xC0 is accomplished by writing a 1, and then 1, 0, 0, 0, 0, 0, 0.
The TNETX3100 expects data to be stored in the EEPROM in a specific format. The range from 0x00 to 0x0D3
in the EEPROM is reserved for use by the adapter. The contents of the remaining bytes are undefined. The
EEPROM is read/written by a software driver through the SIO register.
A 32-bit CRC value is calculated from the EEPROM data and placed in the EEPROM in the location following
the bytes loaded into the internal register. The TNETX3100 uses this 32-bit CRC to validate the EEPROM data.
If the CRC fails, TNETX3100 registers are set to their default (hardwired) values. The TNETX3100 is then
placed in a post-reset halted state. The TNETX3100 is started through the DIO interface control register START
bit.
The EEPROM algorithm, which is the same as the algorithm for the TNETX3100 EEPROM CRC, is used by
IEEE Std 802.3 for the packet CRC calculation. EEPROM bytes are processed by the internal logic in the same
order as the bytes of a packet are processed. For a description of the algorithm, see section 3.2.8. of the IEEE
Std 802.3u specification. For reference, the equation is:
G(x) = x32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 + x8 + x7 + x5 + x4 + x2 + x + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com