Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 24 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 20Page - Texas Instruments TNETX3100 Datasheet HTML 21Page - Texas Instruments TNETX3100 Datasheet HTML 22Page - Texas Instruments TNETX3100 Datasheet HTML 23Page - Texas Instruments TNETX3100 Datasheet HTML 24Page - Texas Instruments TNETX3100 Datasheet HTML 25Page - Texas Instruments TNETX3100 Datasheet HTML 26Page - Texas Instruments TNETX3100 Datasheet HTML 27Page - Texas Instruments TNETX3100 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DIO interface (continued)
Data can be read or written to the address registers using the data lines SDATA7–SDATA0 under the control
of chip select (SCS), read not write (SRNW) and ready (SRDY) signals. The physical interface is shown in
Figure 9. The DIO interface timing is shown in Figure 19 and Figure 20. (See
DIO register description.)
SAD(1–0)
SDATA(7–0)
SCS
SRNW
SRDY
TNETX3100
Host
Figure 9. DIO Interface Signals
remote hardware reset
A hardware reset can be initiated by the DIO interface, permitting remote recovery of the TNETX3100 without
requiring external glue logic to decode a DIO address and toggle the external reset signal of the TNETX3100.
A hard DIO reset is initiated by writing to address 0x4000. This address is directly decoded by the TNETX3100
and forces a hardware reset.
TNETX3100 condensed DIO memory map
Table 5 shows the DIO memory map. Each section is expanded in detail.
Table 5. TNETX3100 Condensed DIO Memory Map
DIO ADDRESS (BITS 15–0)
SHOWN IN HEX FORMAT
DESCRIPTION
AREA OF TNETX3100
0000–007F
Network address registers 16–31†
Network
0080–0093
Port 00–09 control and status registers†
Configuration
0094–009F
Reserved†
Reserved
00A0
Revision register†
Configuration
00A1
SIO/SCTRL register†
Configuration
00A2
Reserved†
Reserved
00A3
Device code†
Configuration
00A4–00B7
Port 00–09 transmit queue length†
Configuration
00B8–00CB
Port 00–09 VLAN registers†
Configuration
00CC–00CE
Free queue-length register†
Configuration
00CF
Reserved†
Configuration
00D0
FEACFG register†
Configuration
00D1
LED register†
Configuration
00D2
RAM size register†
Configuration
00D3
System-control register†
Configuration
00D4–00D7
DRAM data
Internal test
00D8
DRAM flag
Internal test
00D9–00DB
DRAM address
Reserved
† These registers are automatically loaded from the EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com