Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 38 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 34Page - Texas Instruments TNETX3100 Datasheet HTML 35Page - Texas Instruments TNETX3100 Datasheet HTML 36Page - Texas Instruments TNETX3100 Datasheet HTML 37Page - Texas Instruments TNETX3100 Datasheet HTML 38Page - Texas Instruments TNETX3100 Datasheet HTML 39Page - Texas Instruments TNETX3100 Datasheet HTML 40Page - Texas Instruments TNETX3100 Datasheet HTML 41Page - Texas Instruments TNETX3100 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DRAM test-access operation
+3
+2
+1
+0
DIO ADDRESS
DRAM data
0x00D4–0x00D7
DRAM addr
DRAM flag
0x00D8–0x00DB
INIST
PACTST
DIATST
Reserved
0x00DC–0x00DF
The user can write and read a repeating DRAM test by using the following procedure.
• Soft reset the TNETX3150 (do not set the start bit). Perform the following:
DIO write (address 00D3) = 80
DIO write (address 00D3) = 00
• Write to the port 00 TX FIFO block (72 bytes total):
DIO write (address C200) = A5
DIO write (address C201) = A5
DIO write (address C202) = A5
DIO write (address C203) = A5
DIO write (address C204) = A5
DIO write (address C205) = A5
DIO write (address C206) = A5
DIO write (address C207) = A5
DIO write (address C208) = A5
• The FIFO can be filled by writing to the following offset:
DIO write [address C208 + (10 * n)] = A5
where n = 0–7
• Write the DRAM forward pointer, flag,and DRAM address:
DIO write (address 00D4) = FF
;Forward pointer least-significant bit
DIO write (address 00D5) = FF
;Forward pointer
DIO write (address 00D6) = FF
;Forward pointer
DIO write (address 00D7) = FF
;Forward pointer most-significant bit
DIO write (address 00D8) = xF
;Flag
DIO write (address 00D9) = 00
;DRAM address least-significant bit
DIO write (address 00DA) = 00
;DRAM address
DIO write (address 00DB) = 80
;DRAM address most-significant bit
• The DRAM access occurs after the high byte (location 00DB) of the DRAM_address register is
completed. To verify the DRAM access is complete, read the DRAMACT bit within the DRAM flag
register:
DIO read (address 00D8) = 8x
DMA transfer not complete
DIO read (address 00D8) = 0x
DMA transfer complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com