Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 5 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 5 Page - Texas Instruments

  TNETX3100 Datasheet HTML 1Page - Texas Instruments TNETX3100 Datasheet HTML 2Page - Texas Instruments TNETX3100 Datasheet HTML 3Page - Texas Instruments TNETX3100 Datasheet HTML 4Page - Texas Instruments TNETX3100 Datasheet HTML 5Page - Texas Instruments TNETX3100 Datasheet HTML 6Page - Texas Instruments TNETX3100 Datasheet HTML 7Page - Texas Instruments TNETX3100 Datasheet HTML 8Page - Texas Instruments TNETX3100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
10-Mbit/s MAC interface (ports 02–09)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
M02COL
206
M03COL
217
M04COL
218
M05COL
230
I
Collision sense High = network collision and low = no network collision
M06COL
7
I
Collision sense. High = network collision and low = no network collision.
M07COL
19
M08COL
20
M09COL
31
M02CRS
202
M03CRS
213
M04CRS
223
M05CRS
235
I
Carrier sense High = frame carrier signal is received and low = no frame carrier signal is received
M06CRS
2
I
Carrier sense. High = frame carrier signal is received and low = no frame carrier signal is received.
M07CRS
13
M08CRS
24
M09CRS
35
M02DUPLEX
199
M03DUPLEX
209
M04DUPLEX
227
M05DUPLEX
238
I/O
Duplex selector. MXXDUPLEX switches the interface between full- and half-duplex operation
(low= half duplex high = full duplex) M02DUPLEX–M09DUPLEX inputs have active pulldown
M06DUPLEX
239
I/O
(low= half du lex, high = full du lex). M02DUPLEX–M09DUPLEX in uts have active ulldown
circuits used to force the inputs low when FORCEHD bit is set.
M07DUPLEX
10
circuits used to force the in uts low when FORCEHD bit is set.
M08DUPLEX
27
M09DUPLEX
38
M02LINK
200
M03LINK
211
M04LINK
226
M05LINK
237
I
Link selector MXXLINK indicates the condition of the port connection (low = no link high = link)
M06LINK
240
I
Link selector. MXXLINK indicates the condition of the ort connection (low = no link, high = link).
M07LINK
11
M08LINK
26
M09LINK
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com