Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 12 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 8Page - Texas Instruments TNETX3100 Datasheet HTML 9Page - Texas Instruments TNETX3100 Datasheet HTML 10Page - Texas Instruments TNETX3100 Datasheet HTML 11Page - Texas Instruments TNETX3100 Datasheet HTML 12Page - Texas Instruments TNETX3100 Datasheet HTML 13Page - Texas Instruments TNETX3100 Datasheet HTML 14Page - Texas Instruments TNETX3100 Datasheet HTML 15Page - Texas Instruments TNETX3100 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
power interface
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
GND
6, 30, 54, 63, 70, 73, 80, 86, 92, 95, 101, 109,
112, 115, 126, 144, 163, 186, 210, 234
Ground. GND is the 0-V reference for the device.
VCC
18, 42, 67, 77, 83, 89, 98, 107, 118, 133, 154,
174, 198, 222
Supply voltage
VCC = 3.3 ± 0.3 V
VCC(5V)
15, 45, 75, 105, 135, 165, 195, 225
Supply voltage. VCC(5V) = 5 ± 0.5V. VCC(5V) is only for the I/O periphery
and is used for the 5-V tolerant pads only.
summary of signal terminals by signal group function
PORT DESCRIPTION
NUMBER OF
SIGNALS
MULTIPLIER
TOTAL
LED
3
1
3
10-Mbit/s port
9
8
72
10-/100-Mbit/s port
19
2
38
DIO
13
1
13
EAM port
11
1
11
EEPROM interface
2
1
2
DRAM interface
51
1
51
Miscellaneous
3
1
3
JTAG
5
1
5
Total design
198
SUMMARY
Assigned terminals
198
Power terminals VCC(5V), 5 V
8
Power terminals VCC, 3.3 V
14
Power terminals GND
20
Total number of terminals
240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com