Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 48 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 44Page - Texas Instruments TNETX3100 Datasheet HTML 45Page - Texas Instruments TNETX3100 Datasheet HTML 46Page - Texas Instruments TNETX3100 Datasheet HTML 47Page - Texas Instruments TNETX3100 Datasheet HTML 48Page - Texas Instruments TNETX3100 Datasheet HTML 49Page - Texas Instruments TNETX3100 Datasheet HTML 50Page - Texas Instruments TNETX3100 Datasheet HTML 51Page - Texas Instruments TNETX3100 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
48
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FIFO RAM test access
FIFO RAM access for test is provided through the DIO interface. This allows full RAM access for RAM testing.
Access to the FIFO is allowed following a soft reset and before the START bit is written (or after power up and
before the START bit is written). The soft reset bit should be set, then immediately reset. If the soft reset bit is
not cleared, the TNETX3100 holds the DRAM refresh logic operation in reset and the contents of the external
memory become invalid.
To access the FIFO RAM from the DIO, bytes are written to a holding latch that is the width of the RAM word
(72 bits). When a byte is accessed, the whole word is updated in RAM. If the same pattern is loaded throughout
the memory, it requires only a new FIFO RAM address for setup between accesses on a single byte within the
word. The data in the latch does not change (i.e., a read /modify/write is not performed).
structure (statistics) RAM test access
Test access to the statistics RAM is provided through the DIO port after the TNETX3100 is soft reset (or following
power up before the start bit is set). In this mode, all locations of the RAM are written to and read from. Once
the start bit is set, only read access is permitted to the RAM. When asserting soft reset, it is important to reset
the soft reset bit immediately after setting it. This ensures that the DRAM refresh logic operation is not held at
reset. If held at reset, normal DRAM refreshes fail to occur, resulting in the DRAM contents becoming invalid.
To access the structure RAM from the DIO, bytes are written to a holding latch that is the width of the RAM word
(64 bits). When a byte is accessed, the whole word is updated in RAM. If the same pattern is loaded throughout
the memory, it only requires a new structure RAM address for set up between accesses on a single byte within
the word. The data in the latch does not change (i.e., a read/modify/write is not performed).
internal frame-wrap test mode
The frame-wrap test mode allows the user to send a frame into a designated source port and selectively route
the frame to and from ports involved in the test (or return the frame directly) before retransmitting the frame on
the designated source port. By varying the number of ports between which the frame is forwarded, the potential
fault-capture area can be expanded or constrained. Initially, it is desirable to send data to and from each port
in turn, allowing the MAC-to-FIFO interface and MAC terminals to be tested for each port.
The TNETX3100 provides an internal-loopback test mode. Internal loopback allows the frame data path to be
tested, and is useful for individual die burn-in testing and system testing with minimal reliance on external parts.
Internal loopback is selected by suitably setting the INTWRAP field of the DIATST register (see
DIATST register
at 0x00DD). Port 00 (uplink) or port 09 can be selected as the source port for injecting frames into the
TNETX3100 when internal wrap is selected. All other ports are set to internally wrap frames (see Figure 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com