Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3100 Datasheet(PDF) 57 Page - Texas Instruments

Part # TNETX3100
Description  ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3100 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TNETX3100 Datasheet HTML 53Page - Texas Instruments TNETX3100 Datasheet HTML 54Page - Texas Instruments TNETX3100 Datasheet HTML 55Page - Texas Instruments TNETX3100 Datasheet HTML 56Page - Texas Instruments TNETX3100 Datasheet HTML 57Page - Texas Instruments TNETX3100 Datasheet HTML 58Page - Texas Instruments TNETX3100 Datasheet HTML 59Page - Texas Instruments TNETX3100 Datasheet HTML 60Page - Texas Instruments TNETX3100 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
TNETX3100
ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS031D – JUNE 1997 – REVISED OCTOBER 1997
57
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VCC(5V)
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage (see Note 3)
0.8
V
IOH
High-level output current
–2
mA
IOL
Low-level output current
–2
mA
NOTE 3: The algebraic convention, where the more-negative (less positive) limit is designated as a minimum, is used for logic-voltage levels only.
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VCC = MIN, IOH = –2mA
2.4
V
VOL
Low-level output voltage
VCC = MIN, IOL = 2mA
0.4
V
IOZ
High-impedance-state output current
VO = VCC
20
µA
IOZ
High-im edance-state out ut current
VO = 0
–20
µA
IIH
High-level input current
VI = VI(MAX)
–20
µA
IIL
Low-level input current
VI = GNDsp
20
µA
ICC
Supply current
VCC = MAX, f = 50 MHz
390
mA
ICC(5V)
Supply current
VCC(5V) = MAX
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com