Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
38
11 CONTROL INTERFACE
11.1 GENERAL DESCRIPTION
The WM8351 is controlled by writing to its control registers. Readback is available for most registers.
Most aspects of the WM8351 operation can be controlled via this interface. The control interface can
operate as either a 2-, 3- or 4-wire control interface:
2-wire mode uses pins SCLK and SDATA.
3-wire mode uses pins CSB, SCLK and SDATA.
4-wire mode uses pins CSB, SCLK, SDATA and SDOUT.
GPIO7 is automatically enabled as CSB in 3-wire and 4-wire control modes. GPIO6 is automatically
enabled as SDOUT in 4-wire control mode. Register readback is provided on the bi-directional pin
SDATA in 2-/3-wire modes and on SDOUT (GPIO6) in 4-wire mode.
In 2-wire mode, the control interface supports single register access as well as multiple access with or
without address auto-increment.
In Development Mode (see Section 14.4), the WM8351 initially selects the secondary 2-wire control
interface, using pins GPIO10 and GPIO11. This enables configuration of the WM8351 via a separate
interface prior to selecting the normal system operation. Note that, in Custom modes, the secondary
interface is not supported.
11.2 CONTROL INTERFACE MODES
The WM8351 control interface can be configured for 2-, 3- or 4-wire operation using the following
register bits:
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
Interface
Control
3
SPI_CFG
0
Controls the SDOUT (GPIO6) pin operation in 4
wire mode
0 = SDOUT output is CMOS
1 = SDOUT output is open drain
Note: SPI_4WIRE must be set for this to take
effect.
2
SPI_4WIRE
0
Selects 3-wire or 4-wire SPI mode
0 = 3 wire mode using bi-directional SDATA pin
1 = 4 wire mode using SDOUT (GPIO6)
Note: SPI_3WIRE must be set for this to take
effect.
1
SPI_3WIRE
0
Selects 2- or 3-/4-wire mode.
0 = 2-wire mode
1 = 3-/4-wire mode
Table 1 Control Interface Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com