Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 78 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 78 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 82Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
78
13.8 OUTPUT SIGNAL PATH
The analogue output pins produce audio signals to drive headphones, line-out connections and/or
external loudspeaker amplifiers. These pins include:
OUT1L and OUT1R
OUT2L and OUT2R
OUT3 and OUT4
OUT1L, OUT1R, OUT2L and OUT2R have individual analogue volume PGAs with -57dB to +6dB
ranges. AC-coupled and Capless headphone drive modes are available. Common mode noise
rejection is possible using the HPCOM connection.
OUT3 and OUT4 can be configured as a stereo line out (OUT3 is left output and OUT4 is right
output). OUT3 and OUT4 can also be used as a Vmid buffer to provide a “ground” reference for
headphone outputs, eliminating the need for DC blocking capacitors.
Alternatively, OUT4 can be used to provide a mono mix of left and right channels.
All analogue output pins are powered through the HPVDD and HPGND pins.
Each output can drive a headphone load down to 16
.
There are four output mixers in the output signal path: the left and right channel mixers which control
the signals to headphone (and optionally the line outputs) and also dedicated OUT3 and OUT4
mixers.
13.8.1
ENABLING THE ANALOGUE OUTPUTS
Each output can be individually enabled or disabled via dedicated control bits.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
0
OUT1L_ENA
0
OUT1L enable
0 = disabled
1 = enabled
R104 (68h)
15
R10 (0Ah)
1
OUT1R_ENA
0
OUT1R enable
0 = disabled
1 = enabled
R105 (69h)
15
R10 (0Ah)
2
OUT2L_ENA
0
OUT2L enable
0 = disabled
1 = enabled
R106 (70h)
15
R10 (0Ah)
3
OUT2R_ENA
0
OUT2R enable
0 = disabled
1 = enabled
R107 (71h)
15
R9 (09h)
4
OUT3_ENA
0
OUT3 enable
0 = disabled
1 = enabled
R92 (5Ch)
15
R9 (09h)
5
OUT4_ENA
0
OUT4 enable
0 = disabled
1 = enabled
R93 (5Dh)
15
Note:
Each bit can be accessed through two separate control registers. Reading from or writing to
either register location has the same effect.
Table 37 Enabling the Analogue Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com