Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM8351 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
2
TYPICAL APPLICATIONS
Peripherals
Peripherals
Peripherals
WM8351
CPU
Power Management
Control
Logic
MCLK
DC-DCs
RTC
CODEC
LED
Drive
Battery
Charger
Digital
Interfaces
LDOs
Power Buses
Bus
Switching
+
USB
5V Line /
Charger
XTAL
The WM8351 is a complete audio and power management solution for portable media devices. The
device incorporates three programmable step-down switching regulators, a step-up switching
regulator, a full-featured battery charger, four Low Drop-Out (LDO) voltage regulators which can also
serve as hot-swap outputs, a backup supply regulator, a programmable white LED driver, a Real-
Time Clock (RTC) alongside a 32.768kHz (32kHz) oscillator capable of operating from a backup
battery, a 12-bit auxiliary ADC for precise measurements, a ROM-programmable power management
state machine and numerous protection features all in a single 7x7mm BGA package. When only
battery power is available, a battery switch provides power to all switching regulators (and some other
internal modules). When external power is applied (eg. from USB or Wall adapter), the WM8351
seamlessly transitions from battery power (a single-cell Lithium battery) to the applicable external
supply. The battery charger is then activated, all internal power for the device is drawn from the
appropriate external power source and the battery is disconnected from the load. Maximum battery
charge current and charge time are programmable. The USB power manager provides accurate
current limiting for the USB pin under all conditions. The hot-swap outputs (LDOs in current-limited
‘Switch Mode’ operation) are ideal for powering memory cards and other devices that can be inserted
while the system is fully powered.
The integrated Hi-Fi stereo CODEC incorporates preamps and a low-noise bias voltage for differential
microphones, and flexible pseudo-differential drivers for headphone and differential/single-ended line
outputs. External component requirements are reduced as no separate microphone or headphone
amplifiers are required. Digital filter options are available in the ADC and DAC paths, to cater for
application filtering. The WM8351 is capable of operating without any external clock, as it can derive
all required clocks from its internal crystal oscillator, RC clock, and Frequency Locked Loop. An
external low jitter clock may be required in some applications for high performance audio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com