Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
22
7.5
BATTERY CHARGER
Test Conditions
TA = +25ºC unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
General
Wall adaptor voltage
LINE
When charging from
wall adaptor
4.0
5.5
V
USB voltage
USB
When charging from
USB power rail
4.0
5.5
V
Target voltage
CHG_VSEL=00
4.0
4.05
4.1
V
CHG_VSEL=01
4.05
4.1
4.15
CHG_VSEL=10
4.1
4.15
4.2
CHG_VSEL=11
4.15
4.2
4.25
Defective battery threshold
2.85
V
End of Charge Current
EOC
Programmable in
register R168
CHG_EOC_SEL bits
20 to 90
mA
Trickle Charging
Trickle charge initiation
threshold (WM8351 starts trickle
charging when battery is below
this threshold)
CHG_VSEL -
100mV
V
50mA trickle charge current
CHG_TRICKLE_SEL
= 0 (default)
35.9
mA
100mA trickle charge current
CHG_TRICKLE_SEL
= 1
78.6
mA
Fast Charging
Fast charge threshold (WM8351
can only fast-charge if battery is
above this threshold)
3.1
V
Maximum fast-charge current
IMAX
750
mA
Backup Battery (VRTC)
Backup battery charger output.
(Note that this backup charger
voltage also determines the
UVLO threshold.)
2.5
2.7
2.9
V
7.6
CURRENT LIMIT SWITCH
Test Conditions
TA = +25ºC unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Maximum input voltage
2.7
LINE
V
On resistance (at 3.3V)
2.0
Ω
Current limit flag threshold
180
mA
Current limit
215
mA
Quiescent current (EN but not ON)
7
µA
Quiescent current (EN and ON)
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com