Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 56 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 60Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
56
The field FLL_RATE controls internal functions within the FLL; it is recommended that only the default
setting be used for this parameter. FLL_RSP_RATE controls the internal loop gain and should be set
to the recommended value.
The FLL output frequency is directly determined from FLL_RATIO, FLL_OUTDIV and the real number
represented by FLL_N and FLL_K. The field FLL_N is an integer (LSB = 1); FLL_K is the fractional
portion of the number (MSB = 0.5). The fractional portion is only valid when enabled by the field
FLL_FRAC. It is recommended that FLL_FRAC is enabled at all times.
The FLL frequency is determined according to the following equation:
FOUT = (FVCO / FLL_OUTDIV)
FVCO = (FREF x N.K x FLL_RATIO)
FVCO must be in the range 90-100 MHz. The value of FLL_OUTDIV should be selected as follows
according to the desired output FOUT.
OUTPUT FREQUENCY FOUT
FLL_OUTDIV
2.8125 MHz - 3.125 MHz
4h (divide by 32)
5.625 MHz - 6.25 MHz
3h (divide by 16)
11.25 MHz - 12.5 MHz
2h (divide by 8)
22.5 MHz - 25 MHz
1h (divide by 4)
Table 16 Choice of FLL_OUTDIV
Note that the output frequencies that do not lie within the ranges quoted above cannot be guaranteed
across the full range of device operating temperatures.
Once FVCO has been determined, the value of FLL_RATIO should be selected in accordance with the
recommendations in Table 17. The value of N.K can then be determined using the equation above.
FLL_REF_FREQ should be set as described in Table 17.
For best performance, FLL Fractional Mode should always be used. Therefore, if the calculations
yield an integer value of N.K, then it is recommended to adjust FLL_RATIO in order to obtain a non-
integer value of N.K.
The register fields that control the FLL are described in Table 17. Example settings for a variety of
reference frequencies and output frequencies are shown in Table 18.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R42 (2Ah)
FLL Control 1
15
FLL_ENA
0
Digital Enable for FLL
0 = disabled
1 = enabled
Note that FLL_OSC_ENA must be
enabled before enabling FLL_ENA.
14
FLL_OSC_EN
A
0
Analogue Enable for FLL
0 = FLL disabled
1 = FLL enabled
Note that FLL_OSC_ENA must be
enabled before enabling FLL_ENA.
10:8
FLL_OUTDIV
[2:0]
010
FOUT clock divider
000 = FVCO / 2
001 = FVCO / 4
010 = FVCO / 8
011 = FVCO / 16
100 = FVCO / 32
101 = Reserved
110 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com