Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
11
NAME
LOCATION(S)
TYPE
POWER
DOMAIN
DESCRIPTION
IN1LP
N10
Analogue Input
AVDD
Non-inverting input 1 for left microphone channel
IN1RN
N13
Analogue Input
AVDD
Inverting input for right microphone channel
IN1RP
N12
Analogue Input
AVDD
Non-inverting input 1 for right microphone channel
IN2L
M10
Analogue Input
AVDD
Non-inverting input 2 for left microphone channel
IN2R
N11
Analogue Input
AVDD
Non-inverting input 2 for right microphone channel
IN3L
L10
Analogue Input
AVDD
Auxiliary input for analogue audio signals (left channel)
IN3R
M9
Analogue Input
AVDD
Auxiliary input for analogue audio signals (right channel)
IP
B3
Analogue Input
Power input to current limit switch
ISINKA
E11
Analogue Output
LDOVDD
Constant-current LED driver A
L1
A5, B5
Analogue I/O
PV1
DC-DC1 inductor connection
L2
C13
Analogue I/O
VP2
DC-DC2 inductor connection
L3
D13
Analogue I/O
PV3
DC-DC3 inductor connection
L4
C1
Analogue I/O
PV4
DC-DC4 inductor connection
LDOVDD
F12
Supply
LDO amplifier supply voltage
LINEDCDC
C5
Supply
Supply connection for DC-DC 1 and 4 control circuits
LINEINT
H2
Supply
Supply connection for Internal Reference circuits
LINE
F1, F2, F3
Supply
LINE supply connection
LRCLK
L9
Digital I/O
DBVDD
Word clock (left/right clock) signal for digital audio
interface
MCLK
M6
Digital I/O
DBVDD
Master Clock (may be generated internally or externally)
MICBIAS
M11
Analogue Output
AVDD
Low-noise bias voltage for condenser microphones
(connect decoupling capacitor here)
NGATE2
B12
Analogue Output
VP2
DC-DC2 connection to gate of external power FET
IRQ
L4
Digital Output
open-drain
DBVDD
Interrupt signal from WM8351 to host processor
ON
K2
Digital Input
VRTC
Connection for power-on switch
/RST
L2
Digital Output
open-drain
DBVDD
System Reset Signal (active low)
OP
A3
Analogue Output
Power output from current limit switch
OUT1L
K11
Analogue Output
AVDD
Left channel analogue audio output 1
OUT2L
M13
Analogue Output
AVDD
Left channel analogue audio output 2
OUT1R
J11
Analogue Output
AVDD
Right channel analogue audio output 1
OUT2R
M12
Analogue Output
AVDD
Right channel analogue audio output 2
OUT3
L12
Analogue Output
AVDD
Analogue audio output 3 (or pseudo-ground output for
capacitor-less headphone outputs)
OUT4
K12
Analogue Output
AVDD
Analogue audio output 4
PG1
A6, B6
Supply
DC-DC1 power ground
PG2
A13
Supply
DC-DC2 power ground
PG3
C12
Supply
DC-DC3 power ground
PG4
C2
Supply
DC-DC4 power ground
PGND
C11
Supply
Ground connection
PV1
A4, B4,
Supply
DC-DC1 line or battery power input
PV3
D12
Supply
DC-DC3 line or battery power input
PV4
D1
Supply
DC-DC4 line or battery power input
PVDD
B10
Supply
Supply connection for DC-DC 2 and 3 control circuits
REFGND
N8
Supply
Reference ground for audio ADC and DAC
RREF
J3
Analogue Output
Connection for external 100kΩ current reference resistor
SCLK
N2
Digital Input
DBVDD
Clock signal for 2-wire serial control interface (5V
Tolerant)
SDATA
M3
Digital I/O
DBVDD
Data line for 2-wire serial control interface (5V Tolerant)
SINKGND
E13
Supply
Ground connection for ISINKA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com