Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 99 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 99 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 103Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
99
13.12.2 MICROPHONE DETECTION
The WM8351 can detect when a microphone has been plugged in, and/or when the microphone is
short-circuited. It detects these events by comparing the current drawn from the MICBIAS pin against
two thresholds. The thresholds for plug-in detection and short-circuit detection are programmable.
A MICBIAS current above the MCDTHR threshold level is used to indicate that a microphone is
plugged in, and is associated with the CODEC_MICD_EINT interrupt. If the bias current exceeds the
MCDSCTHR limit, this indicates a microphone short-circuit condition, and the WM8351 raises a
CODEC_MICSCD_EINT interrupt. See Section 13.12.7 for further details. Note that the MICBIAS
current thresholds are subject to a wide tolerance - up to +/-50% of the specified value.
Microphone detection requires the internal slow clock to be enabled - see Section 12.3.6.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Power Mgmt 1
8
MIC_DET_ENA
0
Enable MIC detect:
0 = disabled
1 = enabled
R74 (4Ah)
Mic Bias
Control
7
MIC_DET_ENA
0
4:2
MCDTHR [2:0]
000
Threshold for bias current detection
000 = 160µA
001 = 330µA
010 = 500µA
011 = 680µA
100 = 850µA
101 = 1000µA
110 = 1200µA
111 = 1400µA
These threshold currents scale
proportionally with AVDD. The values
given are for AVDD=3.3V.
1:0
MCDSCTHR
[1:0]
00
Threshold for microphone short-circuit
detection
00 = 400µA
01 = 900µA
10 = 1350µA
11 = 1800µA
These threshold currents scale
proportionally with AVDD. The values
given are for AVDD=3.3V.
Note:
MIC_DET_ENA can be accessed through R8 or through R74. Reading from or writing to either
register location has the same effect.
Table 49 Controlling Microphone Bias Current Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com