Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 66Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
62
13.3 ENABLING THE AUDIO CODEC
Before the audio CODEC can be used, it must be enabled by writing to the CODEC_ENA,
SYSCLK_ENA and BIAS_ENA register bits.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12 (0Ch)
Power
Mgmt 5
12
CODEC_ENA
0
Master codec enable bit. Until this bit is set, all
codec registers are held in reset.
0 = All codec registers held in reset
1 = Codec registers operate normally.
R11 (0Bh)
Power
Mgmt 4
14
SYSCLK_ENA
0
CODEC SYSCLK enable
0 = disabled
1 = enabled
R8 (08h)
Power
Mgmt 1
5
BIAS_ENA
0
Enables bias to analogue audio CODEC
circuitry
0 = disabled
1 = enabled
Table 19 Enabling the Audio CODEC
Each individual part of the audio CODEC (e.g. left/right ADC, left/right DAC, each analogue output
pin, mic bias etc.) also has its own enable bit, which must be set before that part of the CODEC can
be used. These enable bits are described in the sections that follow.
In order to minimize output pop and click noise, it is recommended that the WM8351 device is
powered up and down under control using the following sequences:
Power Up:
1.
Ensure the CODEC power supplies are available before the CODEC is enabled
R12[CODEC_ENA]=1 . The order in which this is done should be DCVDD, DBVDD then
HPAVVD And/Or AVDD
2.
Mute all outputs
3.
Enable the anti-pop circuits by setting ANTI_POP. There are three Anti-pop setting options.
Recommended value is ANTI_POP = 01.
4.
Ensure external capacitors are full discharged on all outputs that are used by delaying 250ms
5.
Set the mixers and DAC volume to required settings
6.
Enable VMID by setting VMID_ENA = 1. VMID should raise in a controlled fashion and charge
the output capacitors
7.
Wait approx 500ms to allow VMID to charge.
8.
Disable the anti-pop circuits by setting ANTI_POP = 00.
9.
Un-mute all outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com