Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
48
When the GPIO5 pin is configured as CODEC_OPCLK, a clock derived from SYSCLK may be output
on this pin to provide clocking for other parts of the system. The frequency of this signal is set by
OPCLK_DIV.
Alternate GPIO pins can be used to provide ADCLRCLK and ADCBCLK as described in Section 20.
An inverted L/R clock signal ADCLRCLKB can also be generated. When this feature is used, the
LRCLK and BCLK pins support the DAC only, and the alternate GPIO pins support the ADC only.
Limited capability can be provided to support mixed sample rates by this method. (The selection of
USB mode and the supported values of the various SYSCLK dividers impose restrictions on what
combinations of clocking and sample rates may be configured.)
A slow clock derived from SYSCLK may be used to provide de-bouncing of the headphone detect
function, and to set the timeout period for volume updates when zero-cross functions are used. This
clock is enabled by TOCLK_ENA and its frequency is set by TOCLK_RATE.
The overall CODEC clocking scheme is illustrated in Figure 35.
MCLK
SYSCLK
ADC_CLKDIV[2:0]
R68[2:0]
1, 1.5, 2, 3, 4, 5.5, 6
DAC
LRCLK
(master mode output)
BCLK
(master mode output)
BCLKDIV[3:0]
R40[7:4]
1, 1.5, 2, 3, 4, 5.5, 6, 8,
11, 12, 16, 22, 24, 32
AIF_TRI
R112[13]
DAC_CLKDIV[2:0]
R54[2:0]
1, 1.5, 2, 3, 4, 5.5, 6
ADCLRCLK / CODEC_OPCLK
(GPIO5)
f/N
f/4
64fs
64fs
ADC
f/N
f/N
f/N
GP5_FN[3:0]
R141[7:4]
MCLK_DIV
R40[8]
1, 2
OPCLK_DIV[2:0]
R40[2:0]
1, 2, 3, 4, 5.5, 6
SLOWCLK
Jack detect debounce,
Volume update timeout
TOCLK_ENA
R40[15]
f/2
21
f/2
19
TOCLK_RATE
R40[14]
SYSCLK
All internal clocks are derived from SYSCLK, either directly
from MCLK or via the Frequency Locked Loop (FLL). The FLL
takes MCLK, ADCLRCLK, DACLRCLK or 32kHz input as its
reference.
ADC_CLKDIV
ADC sample rate is set by ADC_CLKDIV (Master or slave
mode).
DAC_CLKDIV
DAC sample rate is set by DAC_CLKDIV (Master or slave
mode).
BCLKDIV
BCLK rate is set by BCLKDIV in Master mode.
When ADC and DAC operate at different sample rates (in
master or slave mode), BCLK rate should be high enough to
support the higher of the ADC/DAC sample rates.
ADCLRCLK, ADCBCLK
These signals can be provided for the ADC via GPIO pins.
When these are used, the LRCLK and BCLK pins are used by
the DAC only.
OPCLK_DIV
GPIO Clock output frequency is set by OPCLK_DIV.
TOCLKSEL
A slow clock is used for jack detect debounce and for volume
update timeouts (when zero-crossing is enabled). The
frequency of this slow clock is set by TOCLK_RATE.
Other Sample Rate Controls
DEEMP configures the de-emphasis filter for the chosen
sample rate.
f/4
DACLRC_RATE[10:0]
R53[10:0]
1 .. 2047
ADCLRC_RATE[10:0]
R70[10:0]
1 .. 2047
ADCLRC_ENA
R70[11]
BCLK_MSTR
R115[14]
DACLRC_ENA
R53[11]
f/N
ADC_SYSCLK
DAC_SYSCLK
ADCBCLK
(GPIO8)
GP8_FN[3:0]
R142[3:0]
LRC_ADC_SEL
R41[15]
GP6_FN[3:0]
R141[11:8]
ADCLRCLKB
(GPIO6)
f/N
FLL
fREF
fOUT
DACLRCLK
ADCLRCLK
Crystal Oscillator /
GPIO 32kHz input
f/N
MCLK_SEL
R40[11]
FLL_CLK_SRC
R45[1:0]
Figure 35 Audio CODEC Clocking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com