Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
65
13.4.2
ENABLING THE PRE-AMPLIFIERS
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
Power Mgmt
2
8
INL_ENA
0
Left input PGA enable
0 = disabled
1 = enabled
9
INR_ENA
0
Right input PGA enable
0 = disabled
1 = enabled
R80 (50h)
Left Input
Volume
15
INL_ENA
0
Left input PGA enable
0 = disabled
1 = enabled
R81 (51h)
Right Input
Volume
15
INR_ENA
0
Right input PGA enable
0 = disabled
1 = enabled
Note: These bits can be accessed through R9 or through R80/R81. Reading from or writing to either
register location has the same effect.
Table 20 Enabling the Microphone Pre-amplifiers
13.4.3
SELECTING INPUT SIGNALS
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R72 (48h)
Mic Input
Control
0
IN1LP_ENA
1
Connect IN1LP pin to left channel input PGA
amplifier positive terminal.
0 = IN1LP not connected to input PGA
1 = input PGA amplifier positive terminal
connected to IN1LP (constant input impedance)
1
IN1LN_ENA
1
Connect IN1LN pin to left channel input PGA
negative terminal.
0 = IN1LN not connected to input PGA
1 = IN1LN connected to input PGA amplifier
negative terminal.
2
IN2L_ENA
0
Connect IN2L pin to left channel input PGA
amplifier
0 = IN2L not connected to input PGA amplifier
1 = IN2L connected to input PGA amplifier
8
IN1RP_ENA
1
Connect IN1RP pin to right channel input PGA
amplifier positive terminal.
0 = IN1RP not connected to input PGA
1 = right channel input PGA amplifier positive
terminal connected to IN1RP (constant input
impedance)
9
IN1RN_ENA
1
Connect IN1RN pin to right channel input PGA
negative terminal.
0 = IN1RN not connected to input PGA
1 = IN1RN connected to right channel input
PGA amplifier negative terminal.
10
IN2R_ENA
0
Connect IN2R pin to right channel input PGA
0 = IN2R not connected to input PGA amplifier
1 = IN2R connected to input PGA amplifier
Table 21 Selecting Input Pins for the Microphone Pre-amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com