Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 83 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 83 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 87Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
83
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R104 (68h)
OUT1L
Volume
14
OUT1L_MUTE
0
OUT1L mute:
0 = normal operation
1 = mute
13
OUT1L_ZC
0
OUT1L volume zero cross enable
0 = Change gain immediately
1 = Change gain on zero cross only
8
OUT1_VU
0
OUT1L and OUT1R volumes do not
update until a 1 is written to either
OUT1_VU.
7:2
OUT1L_VOL
[5:0]
11_1001
OUT1L volume:
000000 = -57dB
...
111001 = 0dB
...
111111 = +6dB
R105 (69h)
OUT1R
Volume
14
OUT1R_MUTE
0
OUT1R mute:
0 = normal operation
1 = mute
13
OUT1R_ZC
0
OUT1R volume zero cross enable
0 = Change gain immediately
1 = Change gain on zero cross only
8
OUT1_VU
0
OUT1L and OUT1R volumes do not
update until a 1 is written to either
OUT1_VU.
7:2
OUT1R_VOL
[5:0]
11_1001
OUT1R volume:
000000 = -57dB
...
111001 = 0dB
...
111111 = +6dB
R76 (4Ch)
Output Control
0
OUT1_FB
0
Enable Headphone common mode
ground feedback for OUT1
0 = disabled (HPCOM unused)
1 = enabled (common mode feedback
through HPCOM)
Table 40 Controlling OUT1L and OUT1R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com