Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 87 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 87 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 91Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
87
Notes:
1.
The above figures illustrate the headphone connections to outputs OUT1L and OUT1R. The
equivalent configurations apply equally to OUT2L and OUT2R.
2.
The DC-coupled configuration illustrated in Figure 47 shows OUT4 (muted) being used as the
Ground Return connection. The same capability may alternatively be provided using OUT3.
3.
Twin headphone output (OUT1L, OUT1R, OUT2L and OUT2R) is possible, using a shared
Ground Return connection via any of OUT3, OUT4, HPCOM or AGND.
4.
Capless operation is not possible when using the HPCOM feature.
When DC blocking capacitors are used their capacitance and the load resistance together determine
the lower cut-off frequency, fc. Increasing the capacitance lowers fc, improving the bass response.
Smaller capacitance values will diminish the bass response. For a 16
 load and a capacitance of
220
F, the following derivation of cut-off frequency applies:
fc = 1 / 2 RLC1 = 1 / (2 x 16 x 220F) = 45 Hz
In the DC coupled configuration, the headphone “ground” is connected to VMID. The OUT3 or OUT4
pins can be configured as DC output drivers by de-selecting all inputs to the OUT3 or OUT4 mixers.
The DC voltage on VMID in this configuration is equal to the DC offset on the OUT1L and OUT2L
pins therefore no DC blocking capacitors are required. This saves space and material cost in portable
applications.
It is recommended to only use the DC coupled configuration to drive headphones, and not to use this
configuration to drive the line input of another device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com