Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
85
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R106 (6Ah)
for OUT2L
Volume
14
OUT2L_MU
TE
0
OUT2L mute:
0 = normal operation
1 = mute
13
OUT2L_ZC
0
OUT2L volume zero cross enable
0 = Change gain immediately
1 = Change gain on zero cross only
8
OUT2_VU
0
OUT2L and OUT2R volumes do not update
until a 1 is written to either OUT2_VU register
bits.
7:2
OUT2L_VO
L [5:0]
11_1001
OUT2L volume:
000000 = -57dB
...
111001 = 0dB
...
111111 = +6dB
R107 (6Bh)
for OUT2R
14
OUT2R_M
UTE
0
OUT2R mute:
0 = normal operation
1 = mute
13
OUT2R_ZC
0
OUT2R volume zero cross enable
0 = Change gain immediately
1 = Change gain on zero cross only
10
OUT2R_IN
V
0
Enable OUT2R inverting amplifier
0 = disabled
1 = enabled
This register must be set to 0 when using the
non-inverting MIXOUT2R to OUT2R path.
This register must be set to 1 when using the
inverting MIXOUT2R to OUT2R path.
9
OUT2R_IN
V_MUTE
1
Mute output of PGA to inverting amplifier.
0 = PGA output goes to inverting amplifier
1 = PGA output goes to output driver
This register must be set to 0 when using the
inverting MIXOUT2R to OUT2R path.
This register must be set to 1 when using the
non-inverting MIXOUT2R to OUT2R path.
8
OUT2_VU
0
OUT2L and OUT2R volumes do not update
until a 1 is written to either OUT2_VU register
bits.
7:2
OUT2R_VO
L [5:0]
11_1001
OUT2R volume:
000000 = -57dB
...
111001 = 0dB
...
111111 = +6dB
R76 (4Ch)
Output
Control
2
OUT2_FB
0
Enable Headphone common mode ground
feedback for OUT2
0 = disabled (HPCOM unused)
1 = enabled (common mode feedback through
HPCOM)
Table 42 Controlling OUT2L and OUT2R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com