Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
21
7.4
LDO REGULATOR ELECTRICAL CHARACTERISTICS
Test Conditions
VIN = 3.7, VOUT = 1.8V, TA = +25ºC unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LDO1 to LDO4 (WM8351 in ACTIVE State)
Input Voltage
VIN
After start-up
1.6
3.7
5.5
V
Output voltage
VOUTn
0.9
3.3
V
Regulation Accuracy
+/-3.3%
%
Dropout Voltage
100mA, VIN < 1.8V
200
mV
100mA, VIN <2.7V
700
Load current
100
150
mA
Quiescent Current
27
1% of load
µA
Leakage Current
<2.5
µA
Power Supply Rejection Ratio
PSRR
1kHz, VOUT =1.8V,
25mA load
-50
dB
100Hz
ON Resistance in switch mode
RON
LDOn_SWI = 1
2
3.5
Ω
LDO1 (WM8351 in OFF State)
Output Voltage
VOUT1
0.95 ×
VOUT1 in
ACTIVE
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com