Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 76 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 76 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 80Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
76
The volume ramp rate during soft mute and un-mute is controlled by the DAC_MUTERATE bit. Ramp
rates of fs/32 and fs/2 are selectable as shown
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R58 (3Ah)
DAC Mute
14
DAC_MUTE
1
DAC Mute
0 = disabled
1 = enabled
R59 (3Bh)
DAC Mute
Volume
14
DAC_MUTEM
ODE
0
DAC Soft Mute Mode
0 = Disabling soft-mute
(DAC_MUTE=0) will cause the volume
to change immediately to the
DACL_VOL / DACR_VOL settings
1 = Disabling soft-mute
(DAC_MUTE=0) will cause the volume
to ramp up gradually to the DACL_VOL
/ DACR_VOL settings
13
DAC_MUTER
ATE
0
DAC Soft Mute Ramp Rate
0 = Fast ramp (24kHz at fs=48k,
providing maximum delay of 10.7ms)
1 = Slow ramp (1.5kHz at fs=48k,
providing maximum delay of 171ms)
Table 33 DAC Soft-Mute Control
13.7.3
DAC DE-EMPHASIS
Digital de-emphasis can be applied to the DAC playback data (e.g. when the data comes from a CD
with pre-emphasis used in the recording). De-emphasis filtering is available for sample rates of
48kHz, 44.1kHz and 32kHz.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R48 (30h)
DAC Control
5:4
DEEMP [1:0]
00
De-Emphasis Control
11 = 48kHz sample rate
10 = 44.1kHz sample rate
01 = 32kHz sample rate
00 = No de-emphasis
Table 34 DAC De-Emphasis Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com