Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
19
7.3
DC-DC STEP DOWN CONVERTER ELECTRICAL CHARACTERISTICS
Test Conditions
VIN = 3.7, VOUT = 1.8V, TA = +25ºC unless otherwise noted.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC-DC1
Input Voltage
VIN
2.7
3.7
5.5
V
Output Voltage
VOUT
0.85
3.4
V
VOUT Accuracy
VOUT
VIN = 3.7V
VOUT = 0.85V / 1.8V
/ 3.4V
IOUT = 0.5A
Active
+/- 3.0
%
IOUT =
0.005A
Sleep
-1.5
+4.5
Line Regulation
VOUT LINE
VIN = 2.7V to
5.5V
VOUT = 1.8V
IOUT = 0.5A
Active
+/- 0.5
%
IOUT = 0.1A
Standby
+/- 0.25
IOUT = 0.005A
Sleep
+/- 0.4
+/- 0.5
Load Regulation
VOUT LOAD
IOUT = 0.001A to 1A
Active
+/- 0.2
%
IOUT = 0A to 0.1A
Standby
+/- 0.2
IOUT = 0A to 0.01A
Sleep
+/- 0.3
+/- 0.5
Quiescent Current
IQ ACTIVE
Active (excluding switching losses)
265
µA
IQ STANDBY
Standby (excluding switching losses)
115
IQSLEEP
Sleep
25
Shutdown current
ISD
0.01
µA
P-channel On
Resistance
RDSP
VIN = 3.7V, IL(n) = 100mA
0.09
Ω
N-channel On
Resistance
RDSN
VIN = 3.7V, IL(n) = 100mA
0.167
Ω
P-channel
leakage current
ILXP
VIN = 3.7V, L(n) = GND
0.01
µA
N-channel
leakage current
ILXN
VIN = 3.7V, L(n) = 3.7V
2.8
µA
Switching
Frequency
fSW
2.0
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com