Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 72 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 72 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 76Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
72
13.5.1
ADC VOLUME CONTROL
Programmable digital volume control is provided to attenuate the ADC’s output signal.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R66 (42h)
ADC Digital
Volume L
8
ADC_VU
0
ADC left and ADC right volume do not update
until a 1 is written to either ADC_VU register
bit.
7:0
ADCL_VO
L [7:0]
1100_0000
Left ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -71.625dB
0000 0010 = -71.25dB
... 0.375dB steps up to
1110 1111 = +17.625dB
R67 (43h)
ADC Digital
Volume R
8
ADC_VU
0
ADC left and ADC right volume do not update
until a 1 is written to either ADC_VU register
bit.
7:0
ADCR_VO
L [7:0]
1100_0000
Right ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -71.625dB
0000 0010 = -71.25dB
... 0.375dB steps up to
1110 1111 = +17.625dB
Table 27 ADC Volume Control
13.5.2
ADC HIGH-PASS FILTER
A digital high-pass filter is provided to remove DC offsets from the ADC signal.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R11 (0Bh)
Power
Mgmt 4
13
ADC_HPF_EN
A
0
High Pass Filter enable
0 = disabled
1 = enabled
This bit can be accessed through R11 or
through R64. Reading from or writing to either
register location has the same effect.
R64 (40h)
ADC
Control
15
9:8
ADC_HPF_CU
T [1:0]
00
Select cut-off frequency for high-pass filter
00 = 2^-11 (first order) = 3.7Hz @
fs=44.1kHz
01 = 2^-5 (2nd order) = ~250Hz @ fs=8kHz
10 = 2^-4 (2nd order) = ~250Hz @ fs=16kHz
11 = 2^-3 (2nd order) = ~250Hz @ fs=32kHz
Note:
ADC_HPF_ENA can be accessed through R11 or through R64. Reading from or writing to
either register location has the same effect.
Table 28 Controlling the ADC High-pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com