Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
27
9
TYPICAL PERFORMANCE DATA
9.1
AUDIO CODEC
Typical THD+N performance of the Headphone Drivers is shown below for 16
 and 32 headphone
loads. These graphs are derived whilst using the WM8351 Power Management to generate the power
supply rails for the audio CODEC. The supply conditions are as follows:
AVDD = HPVDD = 3.0V, generated by WM8351 LDO1
DCVDD = DBVDD = 1.8V, generated by WM8351 DC-DC1
AC coupled headphone
(16 Ohm Load)
AVDD=HPVDD=3.0V
(WM8351 - LDO1)
DCVDD=DBVDD=1.8V
(WM8351 - DCDC1)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
5
10
15
20
25
30
35
Output Power (mW)
THD+N Amplitude (dBV)
AC coupled Headphone
(32 Ohm Load)
AVDD=HPVDD=3.0V
(WM8351 - LDO1)
DCVDD=DBVDD=1.8V
(WM8351 - DCDC1)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
5
10
15
20
25
30
Output Power (mW)
THD+N Amplitude (dBV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com