Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
18
7.2
DC-DC STEP UP CONVERTER ELECTRICAL CHARACTERISTICS
Test Conditions
TA = +25ºC unless otherwise noted.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC-DC2
Input voltage
range
VIN
when used as converter
2.7
3.7
5.5
V
when used as switch
1.2
Output voltage
range
VOUT
by default
(needs external component configuration)
VIN
20
(30)
V
USB OTG output
voltage
VOUT,USB
VIN<4.5V; IOUT<100mA;
DC2_FBSRC [1:0]=11
5.0
V
Output current
IOUT
VOUT=30V
0
25
mA
VOUT=20V
(DC2_ILIM_=1)
40
(18)
VOUT=5.0V
(DC2_ILIM_=1)
170
(100)
Switch resistance
RON
VIN=3.3V; VOUT=3.2V; +25°C
0.26
Ω
VIN=1.8V; VOUT=1.7V; +25°C
0.41
VIN=1.2V; VOUT=1.1V; +25°C
0.84
Maximum switch
current
ISW,MAX
700
mA
Switching
frequency
fCLK
1.0
MHz
Maximum duty
cycle
DMAX
VIN=3V; fCLK=1.0MHz
90
%
Efficiency
Η
VIN=3.8V; VOUT=20V; IOUT=20mA
75
%
VIN=3.8V; VOUT=5.0V; IOUT=100mA
88
Quiescent current
IDD
Shutdown or switch configuration
0.1
uA
active; no switching
260
active; pulse skipping
260
Regulated
feedback voltage
VFB
DC2_FBSRC [1:0] = 00
0.5
V
VCURR
DC2_FBSRC [1:0] = 01 or 10
0.5
Undervoltage
detect
VFB,UV
below feedback voltage
12
%
VUSB,UV
DC2_FBSRC [1:0] = 11
4.6
V
Overvoltage
detect
VFB,OV
above feedback voltage
8
%
VUSB,OV
DC2_FBSRC [1:0] = 11
5.4
V
Peak inductor
current limit
IPK
VIN=3V; VOUT=90%;
700
mA
DC2_ILIM_=1
450
On resistance of
NGATE driver
RNGATE
P-Channel FET (IPFET=100mA)
4.6
Ω
N-Channel FET (INFET=100mA)
4.9
Input capacitor
CIN
X5R/X7R dielectric
1.0
2.2
F
Inductor
LF
-30%
10
+30%
H
Inductor current
rating
ISAT,Lf
500
mA
DC2_ILIM_=1
320
Output capacitor
COUT
DC2_FBSRC [1:0]= 00 or 11; VOUT=5V
3.7
10
22
F
DC2_FBSRC [1:0]= 00; VOUT=10V
0.84
2.2
4.7
DC2_FBSRC [1:0]= 00; VOUT=20V
0.18
0.47
1.0
DC2_FBSRC [1:0]= 01 or 10; VOUT=10V
2.0
4.7
10
DC2_FBSRC [1:0]= 01 or 10; VOUT=15V
1.5
2.2
10
DC2_FBSRC [1:0]= 01 or 10; VOUT=20V
0.9
1.5
4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com