Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
73
13.6 DIGITAL MIXING
13.6.1
DIGITAL SIDETONE
A digital sidetone is available when ADCs and DACs are operating at the same sample rate. Digital
data from either left or right ADC can be mixed with the audio interface data on the left and right DAC
channels. Sidetone data is taken from the ADC high pass filter output, to reduce low frequency noise
in the sidetone (e.g. wind noise or mechanical vibration).
The digital sidetone will not function when ADCs and DACs are operating at different sample rates.
When using the digital sidetone, it is recommended that the ADCs are enabled before un-muting the
DACs to prevent pop noise. The DAC volumes and sidetone volumes should be set to an appropriate
level to avoid clipping at the DAC input.
The digital sidetone is controlled as shown Table 29.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R68 (44h)
ADC
Divider
11:8
ADCL_DAC_SVOL
[3:0]
0000
Left Digital Side tone Volume in dB
(See Table 30 for volume range)
7:4
ADCR_DAC_SVOL
[3:0]
0000
Right Digital Side tone Volume in dB
(See Table 30 for volume range)
R60 (3Ch)
Digital Side
Tone
Control
13:12
ADC_TO_DACL
[1:0]
00
DAC Left Side-tone Control
11 = Unused
10 = Mix ADCR into DACL
01 = Mix ADCL into DACL
00 = No Side-tone mix into DACL
11:10
ADC_TO_DACR
[1:0]
00
DAC Right Side-tone Control
11 = Unused
10 = Mix ADCR into DACR
01 = Mix ADCL into DACR
00 = No Side-tone mix into DACR
Table 29 Digital Side Tone Control
The coding of ADCL_DAC_SVOL and ADCR_DAC_SVOL is described in Table 30.
ADCL_DAC_SVOL or
ADCR_DAC_SVOL
SIDETONE
VOLUME
0000
-36
0001
-33
0010
-30
0011
-27
0100
-24
0101
-21
0110
-18
0111
-15
1000
-12
1001
-9
1010
-6
1011
-3
1100
0
1101
0
1110
0
1111
0
Table 30 Digital Side Tone Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com