Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
64
13.4 INPUT SIGNAL PATH
The WM8351 has multiple analogue inputs. There are two input channels, Left and Right, each of
which consists of an input PGA stage followed by a boost/mix stage switch into the hi-fi ADC. Each
input PGA path has three input pins which can be configured in a variety of ways to accommodate
single-ended, differential or dual differential microphones. There are two auxiliary input pins which
can be fed into to the input boost/mix stage as well as driving into the output path. A bypass path
exists from the output of the boost/mix stage into the output left/right mixers.
13.4.1
MICROPHONE INPUTS
The microphone inputs of the WM8351 are designed to accommodate electret condenser
microphones or analogue line-in signals. They comprise the following pins:
IN1LP: first non-inverting input, left channel
IN2L: second non-inverting input, left channel
IN1LN: inverting input, left channel
IN1RP: first non-inverting input, right channel
IN2R: second non-inverting input, right channel
IN1RN: inverting input, right channel
The non-inverting inputs have constant input impedance to VMID, whereas the inverting input’s
impedance varies with the pre-amplifier’s gain. (Note: the terms “inverting” and “non-inverting” refer to
the microphone pre-amplifiers only. For overall behaviour, the inverting record mixer and the ADC,
whose output can optionally be inverted in the digital domain, must also be taken into account.)
Each channel has a programmable pre-amplifier, which supports single-ended or pseudo-differentially
connected microphones. The amplified signal for each channel can be digitised in the audio ADC
and/or mixed into the output signal path.
Figure 37 Microphone Inputs and Pre-amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com