Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 68 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
68
13.4.6
AUXILIARY INPUTS (IN3L AND IN3R)
The WM8351 provides two additional analogue input pins, IN3L and IN3R, for line-level audio or
“beep” signals. Each pin has a simple input buffer whose output signal can be digitised in the audio
ADC and/or mixed into the output signal path. The Right input IN3R may also be connected to the
Output Beep Mixer, for output on OUT2R (see Table 43). The input buffers have a nominal default
gain of -1 (0dB).
Figure 38 Auxiliary Input Buffers
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
Power
Mgmt 2
10
IN3L_ENA
0
IN3L Amplifier enable
0 = disabled
1 = enabled
11
IN3R_ENA
0
IN3R Amplifier enable
0 = disabled
1 = enabled
R73 (49h)
IN3 Input
Control
7
IN3L_ENA
0
IN3L Amplifier enable
0 = disabled
1 = enabled
15
IN3R_ENA
0
IN3R Amplifier enable
0 = disabled
1 = enabled
6
IN3L_SHORT
0
Short circuit internal input resistor for
IN3L amplifier.
0 = Internal resistor in circuit
1 = Internal resistor shorted
14
IN3R_SHORT
0
Short circuit internal input resistor for
IN3R amplifier.
0 = Internal resistor in circuit
1 = Internal resistor shorted
Note: IN3L_ENA and IN3R_ENA can be accessed through R9 or through R73. Reading from or
writing to either register location has the same effect.
Table 24 Controlling the Auxiliary Input Buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com