Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 84 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 84 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 88Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
84
13.9.2
OUT2L AND OUT2R
OUT2L and OUT2R are designed as a stereo pair and can drive a headphone, a line load or a
loudspeaker amplifier. Each output has an analogue volume control PGA with a gain range of -57dB
to +6dB as shown in Figure 45.
Common mode noise rejection is also possible on the OUT2L and OUT2R outputs, using HPCOM as
the return path. The HPCOM feature must be enabled via the OUT2_FB register field and the
HPCOM connection must be AC coupled to the headphone output. A 4.7uF coupling capacitor is
required between the noisy ground connection the HPCOM pin.
The signal path from the right output mixer to OUT2R can be inverted, using the OUT2R_INV and
OUT2R_INV_MUTE register bits. Table 41 describes the required settings of these register bits for
inverted and non-inverted configurations. Note that the OUT2R_MUTE mutes the OUT2R signal path
in both cases.
OUT2R_INV
OUT2R_INV_MUTE
DESCRIPTION
0
1
Non-inverting path from MIXOUTR to OUT2R
1
0
Inverting path from MIXOUTR to OUT2R
Table 41 OUT2R Signal Path Polarity
The control register fields for the OUT2L and OUT2R outputs are described in Table 42. The
available output configurations are shown in Section 13.9.3.
From right
output mixer
-1
OUT2R_VOL
R107 [7:2]
From left
output mixer
OUT2L_VOL
R106 [7:2]
-1
OUT2L
OUT2R
Vmid
OUT2L_MUTE
R106 [14]
OUT2R_MUTE
R107 [14]
HPCOM
OUT2_FB
R76 [2]
Figure 45 Headphone Outputs OUT2L and OUT2R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com