Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 170 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 170 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 174Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
170
19.2 INITIATING AUXADC MEASUREMENTS
The AUXADC can measure voltages on four external pins, AUX1, AUX2, AUX3 and AUX4. It can also
measure voltages on the USB, LINE and BATT pins, and also the temperature sensor level. Each of
these 8 inputs can be independently selected or deselected as an AUXADC input. Whenever the
AUXADC is triggered, the AUXADC performs a measurement of each of the selected AUXADC
inputs. By default, none of the AUXADC inputs is selected. Therefore, the required inputs must be
enabled using the AUXADC_SELn bits prior to initiating an AUXADC measurement.
AUXADC measurements can be scheduled in a number of different ways, as determined by the
AUXADC_CTC register bit. In Polling Mode, a set of measurements is initiated by writing a logic ‘1’ to
the AUXADC_POLL bit. (This bit is then automatically reset once the measurements have been
completed.) In Continuous Mode, the WM8351 initiates a set of measurements at a time interval that
is determined by the AUXADC_CRATE field.
Additional control can be provided using a GPIO pin configured as a ‘MASK’ input (see Section 20).
The behaviour of the MASK input is selected using the AUXADC_MASKMODE register field - it can
be used to inhibit any measurements triggered by the Polling or Continuous modes, or else it can be
used as a hardware input to initiate a set of measurements.
Note that, when AUXADC_MASKMODE = 11, then AUXADC_CTC, AUXADC_POLL and
AUXADC_CRATE have no effect. The polarity of the MASK input can be adjusted to be active high or
active low using the GPn_CFG bits defined in Section 20, where ‘n’ identifies the particular GPIO pin
in use.
The control fields associated with initiating AUXADC measurements are defined in Table 115.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R144 (90h)
Digitiser Control
(1)
14
AUXADC_CTC
0
Continuous conversion mode:
0 = Polling mode
1 = Continuous mode
13
AUXADC_POLL
0
Writing “1” initiates a set of
measurements in polling mode
(AUXADC_CTC=0). This bit is
automatically reset after the
measurements are completed.
7
AUXADC_SEL8
0
AUXADC TEMP input select
0 = Disable TEMP measurement
1 = Enable TEMP measurement
6
AUXADC_SEL7
0
AUXADC BATT input select
0 = Disable BATT measurement
1 = Enable BATT measurement
5
AUXADC_SEL6
0
AUXADC LINE input select
0 = Disable LINE measurement
1 = Enable LINE measurement
4
AUXADC_SEL5
0
AUXADC USB input select
0 = Disable USB measurement
1 = Enable USB measurement
3
AUXADC_SEL4
0
AUXADC AUX4 input select
0 = Disable AUX4 measurement
1 = Enable AUX4 measurement
2
AUXADC_SEL3
0
AUXADC AUX3 input select
0 = Disable AUX3 measurement
1 = Enable AUX3 measurement
1
AUXADC_SEL2
0
AUXADC AUX2 input select
0 = Disable AUX2 measurement
1 = Enable AUX2 measurement
0
AUXADC_SEL1
0
AUXADC AUX1 input select
0 = Disable AUX1 measurement
1 = Enable AUX1 measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com