Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 175 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 175 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 178Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 179Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
175
19.5 CALIBRATION
The on-chip reference VREF provides a highly accurate reference voltage to the AUXADC. For best
measurement accuracy, the WM8351 provides a way to determine the voltage offset of the
AUXADC’s VREF buffer and the gain error introduced by scaling the AUXADC input. Measured data
can then be adjusted accordingly, eliminating these errors.
To determine the buffer’s offset, the AUXADC AUX3 input is disconnected from the AUX3 pin and
connected to the unbuffered VREF voltage. Note that input scaling must be used, (i.e.
AUXADC_SCALE3 = 10 or 11), in order to ensure that the AUXADC input is within the measurable
range. Measuring this voltage using the buffered VREF as the reference (AUXADC_REF3 = 1) makes
it possible to calculate the combined error.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R145 (91h)
Digitizer Control
(2)
2
AUXADC_CAL
0
Configure AUX3 input to be the
VREF supply for AUXADC
calibration.
0 = AUX3 input connected to
AUX3 pin
1 = AUX3 input connected to
unbuffered VREF
Table 118 AUXADC Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com