Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 13Page - NXP Semiconductors SSL4120 Datasheet HTML 14Page - NXP Semiconductors SSL4120 Datasheet HTML 15Page - NXP Semiconductors SSL4120 Datasheet HTML 16Page - NXP Semiconductors SSL4120 Datasheet HTML 17Page - NXP Semiconductors SSL4120 Datasheet HTML 18Page - NXP Semiconductors SSL4120 Datasheet HTML 19Page - NXP Semiconductors SSL4120 Datasheet HTML 20Page - NXP Semiconductors SSL4120 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
17 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
Figure 7 illustrates the relationship between VSNSMAINS, VCOMPPFC and the on-time. The
compensation makes it is possible to keep the regulation loop bandwidth constant over
the full mains input range. This feature provides a fast transient response on load steps,
while still meeting the Class-C MHR requirements.
7.7.3 PFC demagnetization sensing (SNSAUXPFC pin)
The voltage on the SNSAUXPFC pin is used to detect transformer demagnetization.
During the secondary stroke, the transformer is magnetized and current flows in the boost
output. During this time, VSNSAUXPFC <Vdemag(SNSAUXPFC) = 100 mV and the PFC
MOSFET remains switched off.
When the transformer becomes demagnetized, the current stops flowing to the boost
output VSNSAUXPFC >Vdemag(SNSAUXPFC) and valley detection is started. The MOSFET
remains switched off.
To ensure that switching continues under all circumstances, the MOSFET is forced to
switch on if the magnetizing of the transformer (VSNSAUXPFC <Vdemag(SNSAUXPFC)) is not
detected within tto(mag) =50 s after the GATEPFC pin goes LOW.
Connect a 5 k
 series resistor to this pin to protect the internal circuitry, against lightning
for example. Place the resistor close to the IC on the PCB to prevent incorrect switching
due to external disturbances.
7.7.4 PFC valley sensing (SNSAUXPFC pin)
If the voltage at the MOSFET drain is at its minimum (valley switching), the PFC MOSFET
is switched on for the next stroke. This action reduces switching losses and EMI
(see Figure 8).
Fig 7.
Relationship between on-time, SNSMAINS voltage and COMPPFC voltage
on-time
Vton(COMPPFC)max
Vton(COMPPFC)zero VCOMPPFC
014aaa855
0
ton(max)(lowmains)
ton(max)(highmains)
VSNSMAINS = 0.97 V
VSNSMAINS = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com