Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 26Page - NXP Semiconductors SSL4120 Datasheet HTML 27Page - NXP Semiconductors SSL4120 Datasheet HTML 28Page - NXP Semiconductors SSL4120 Datasheet HTML 29Page - NXP Semiconductors SSL4120 Datasheet HTML 30Page - NXP Semiconductors SSL4120 Datasheet HTML 31Page - NXP Semiconductors SSL4120 Datasheet HTML 32Page - NXP Semiconductors SSL4120 Datasheet HTML 33Page - NXP Semiconductors SSL4120 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
30 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
7.8.10.2
Overcurrent regulation, OCR-HBC
The lowest comparator levels at the SNSCURHBC pin (Vocr(HBC) = 0.5 V and +0.5 V),
relate to the overcurrent regulation voltage. There are comparators for both the positive
and negative polarities. The positive comparator is active during the high-side on-time and
the following high-side to low-side non-overlap time. The negative comparator is active
during the remaining time. If either level is exceeded, the frequency is slowly increased.
Discharging the soft-start capacitor achieves this decrease.
Each time the OCR level is exceeded, the event is latched until the next stroke and the
soft-start discharge current is enabled. When both the positive and negative OCR levels
are exceeded, the soft-start discharge current flows continuously.
Overcurrent regulation is very effective at limiting the output current during start-up. A
smaller soft-start capacitor is used to achieve a faster start-up. Using a smaller capacitor
can result in an output current that is too high at times. However, the OCR function slows
down the frequency sweep when required to keep the output current within the specified
limits. Figure 18 shows the operation of the OCR during output voltage start-up.
Fig 17. Boost voltage compensation
VCur(HBC) = Rcur(HBC) × ICur(HBC)
Iocr(high)
Iocp(high)
Iocp(nom)
Iocr(nom)
-Iocr(nom)
-Iocp(nom)
-Iocr(high)
-Iocp(high)
ICur(HBC)
ISNSCURHBC
Vreg
Vuvp
Vboost
GATELS
GATEHS
sink current only with positive VSNSCURHBC
sink
source
0
0
0
t
t
t
t
low Vboost
strong compensation
high OCP
low Vboost
strong compensation
high OCR
nominal Vboost
no compensation
nominal OCP
nominal Vboost
no compensation
nominal OCR
VSNSCURHBC
t
t
014aaa865
VSNSCURHBC
Vocr(HBC)
-Vocr(HBC)
Vocp(HBC)
-Vocp(HBC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com