Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 25Page - NXP Semiconductors SSL4120 Datasheet HTML 26Page - NXP Semiconductors SSL4120 Datasheet HTML 27Page - NXP Semiconductors SSL4120 Datasheet HTML 28Page - NXP Semiconductors SSL4120 Datasheet HTML 29Page - NXP Semiconductors SSL4120 Datasheet HTML 30Page - NXP Semiconductors SSL4120 Datasheet HTML 31Page - NXP Semiconductors SSL4120 Datasheet HTML 32Page - NXP Semiconductors SSL4120 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
29 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
7.8.9 HBC high-frequency protection, HFP-HBC (RFMAX pin)
Normally the converter does not operate continuously at maximum frequency because it
sweeps down to much lower values. Certain error conditions, such as a disconnected
transformer, could cause the converter to operate continuously at maximum frequency. If
zero-voltage switching conditions are no longer present, the MOSFETs can overheat. The
SSL4120 features High-Frequency Protection (HFP) for the HBC controller to protect it
from being damaged in such circumstances.
HFP senses the RFMAX pin voltage. This voltage indicates the current frequency. When
the frequency is higher than 75 % of the soft-start frequency range, the protection timer is
started. The 75 % level corresponds to an RFMAX voltage of Vhfp(RFMAX) =1.83V.
7.8.10 HBC overcurrent regulation and protection, OCR and OCP
(SNSCURHBC pin)
The HBC controller is protected against overcurrent in two ways:
• Overcurrent regulation (OCR-HBC) which increases the frequency slowly. The
protection timer is also started.
• Overcurrent protection (OCP-HBC) which steps to maximum frequency.
A Vboost compensation function is used to reduce the variation in the output current
protection level.
7.8.10.1
Boost voltage compensation
The primary current, also known as the resonant current, is sensed using the
SNSCURHBC pin. It senses the momentary voltage across an external current sense
resistor Rcur(HBC). The use of the momentary current signal allows fast overcurrent
protection and simplifies the stabilizing of overcurrent regulation. The OCR and OCP
comparators compare VSNSCURHBC with the maximum positive and negative values.
The primary current is higher when Vboost is low for the same output power. Boost
compensation is included to reduce the dependency of the protected output current level
on Vboost. The boost compensation sources and sinks a current from the SNSCURHBC
pin. This current creates a voltage drop across the series resistor Rcurcmp.
The amplitude of the current is linearly dependent on Vboost. At Vboost(nom), the current is
zero and the voltage VCur(HBC) across the current sense resistor is also present on the
SNSCURHBC pin.
At the UVP boost start level Vuvp(SNSBOOST), the current is at a maximum. The current sink
or source direction depends on the active gate signal. The voltage drop created across
Rcurcmp reduces the amplitude at the pin. This reduction in amplitude results in a higher
effective current protection level. The Rcurcmp value sets the amount of compensation.
Figure 17 shows how the boost compensation works for an artificial current signal. The
sinking compensation current only flows when VSNSCURHBC is positive because of the
circuit implementation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com