Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 7Page - NXP Semiconductors SSL4120 Datasheet HTML 8Page - NXP Semiconductors SSL4120 Datasheet HTML 9Page - NXP Semiconductors SSL4120 Datasheet HTML 10Page - NXP Semiconductors SSL4120 Datasheet HTML 11Page - NXP Semiconductors SSL4120 Datasheet HTML 12Page - NXP Semiconductors SSL4120 Datasheet HTML 13Page - NXP Semiconductors SSL4120 Datasheet HTML 14Page - NXP Semiconductors SSL4120 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
11 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
7.4 Enable input (SSHBC/EN pin)
The power supply application is disabled by pulling the SSHBC/EN pin LOW.
Figure 4 shows the internal functionality. When a voltage is present on the SUPHV pin or
on the SUPIC pin, a current Ipu(EN) =42 A flows from the SSHBC/EN pin. If the pin is not
pulled down, the current increases the voltage up to Vpu(EN) = 3 V. Since the voltage is
above both Ven(PFC)(EN) = 1.2 V and Ven(IC)(EN) = 2.2 V, the IC is enabled.
The IC is disabled when the SSHBC/EN pin voltage is pulled down under Ven(PFC)(EN) and
Ven(IC)(EN) via an optocoupler driven from the HBC transformer secondary side (see
Figure 4). The PFC controller stops switching immediately but the HBC controller
continues switching until the low-side stroke is active. It is also possible to control the
voltage on the SSHBC/EN pin from another circuit on the secondary side via a diode. The
external pull-down current must be larger than the internal soft-start charge current
Iss(hf)(SSHBC).
If the voltage on SSHBC/EN is pulled under Ven(IC)(EN), but not under Ven(PFC)(EN), only the
HBC is disabled. This feature is useful when another power converter is connected to the
PFC Vboost.
The low-side power switch of the HBC is on when the HBC is disabled using the
SSHBC/EN pin.
Table 3.
Operating states
State
Description
No supply
Supply voltages on the SUPIC and SUPHV pins are too low to provide
any functionality. Undervoltage protection (UVP supplies; see
Section 7.9) is active when VSUPHV <Vrst(SUPHV) and
VSUPIC <Vrst(SUPIC). The IC is reset.
Disabled IC
The IC is disabled because the SSHBC/EN pin is LOW.
Thermal hold
Activated when OTP is active. The IC is not operating. The PFC and
HBC controllers are disabled and CSUPIC and CSUPREG are not
charged.
SUPIC charge
The HV start-up source charges the IC supply capacitor (CSUPIC).
CSUPREG is not charged.
SUPREG charge
The series regulator charges the stabilized supply capacitor
(CSUPREG).
Boost charge
The operational PFC builds up Vboost.
Operational supply
The output voltage is generated. Both the PFC and HBC controllers
are fully operational.
Restart
Activated when a protection function is triggered. The restart timer is
activated. During this time, both the PFC/HBC controllers are disabled
and CSUPREG is not charged. CSUPIC is charged.
Protection shut-down
Activated when a protection function is triggered. The IC is not
operational. The PFC and HBC controllers are disabled and
CSUPIC/CSUPREG are not charged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com