Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 23Page - NXP Semiconductors SSL4120 Datasheet HTML 24Page - NXP Semiconductors SSL4120 Datasheet HTML 25Page - NXP Semiconductors SSL4120 Datasheet HTML 26Page - NXP Semiconductors SSL4120 Datasheet HTML 27Page - NXP Semiconductors SSL4120 Datasheet HTML 28Page - NXP Semiconductors SSL4120 Datasheet HTML 29Page - NXP Semiconductors SSL4120 Datasheet HTML 30Page - NXP Semiconductors SSL4120 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
27 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
7.8.8.1
Soft-start voltage levels
The relationship between the soft-start voltage at the SSHBC/EN pin and the RFMAX pin
voltage is shown in Figure 15. The relationship is directly related to the frequency.
VRFMAX and VSSHBC/EN are of opposite polarity. VSSHBC/EN <Vfmax(SSHBC) = 3.2 V at initial
start-up which corresponds to the maximum frequency. During start-up, Css(HBC) is
charged, VSSHBC/EN increases and the frequency decreases. The contribution of the
soft-start function is zero when VSSHBC/EN =Vfmin(SSHBC) =7.9 V.
VSSHBC/EN is clamped at a maximum of Vclamp(SSHBC) = 8.4 V (frequency is at a minimum)
and at a minimum (
 3 V). Under V
fmax(SSHBC) (maximum frequency), the discharge
current is reduced to a maximum frequency soft-start current of 5
A The voltage is
clamped at a minimum of Vpu(EN) = 3 V. Both clamp levels are just outside the operating
area of Vfmax(SSHBC) to Vfmin(SSHBC). The margins avoid frequency disturbance during
normal output voltage regulation but ensure that overcurrent regulation can respond
quickly.
7.8.8.2
Soft-start charge and discharge
At initial start-up, the soft-start capacitor Css(HBC) is charged to obtain a decreasing
frequency sweep from the maximum to the operating frequency. As well as being used to
soft-start the resonant converter, the soft-start functionality is also used for regulation
(such as overcurrent regulation). Css(HBC) can therefore be charged or discharged. A
continuous alternation between charging and discharging occurs during overcurrent
regulation. In this way VSSHBC/EN can be regulated, overruling the signal from the
feedback input.
The charge and discharge current can have a high value, Iss(hf)(SSHBC) = 160 A. This
current results in fast charging and discharging. In addition, it can have a low value
Iss(lf)(SSHBC) =40 A, resulting in a slow charge and discharge. This two-speed soft-start
sweep allows a combination of a short start-up time for the resonant converter and stable
regulation loops (such as overcurrent regulation).
Fig 15. Relation between SSHBC/EN voltage and frequency
fHB
0
VSSHBC
Vfmax,ss(RFMAX)
VRFMAX
fmin
fmax
0
Vfmax(SSHBC)
Vfmin(SSHBC)
Vclamp(SSHBC)
Vpu(EN)
ISNSFB < Ifmin(SNSFB)
Ifmin(SNSFB) < ISNSFB < Ifmax(SNSFB)
VRFMAX
fHB
Vfmax,fb(RFMAX)
014aaa863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com