Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 20Page - NXP Semiconductors SSL4120 Datasheet HTML 21Page - NXP Semiconductors SSL4120 Datasheet HTML 22Page - NXP Semiconductors SSL4120 Datasheet HTML 23Page - NXP Semiconductors SSL4120 Datasheet HTML 24Page - NXP Semiconductors SSL4120 Datasheet HTML 25Page - NXP Semiconductors SSL4120 Datasheet HTML 26Page - NXP Semiconductors SSL4120 Datasheet HTML 27Page - NXP Semiconductors SSL4120 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
24 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
Two external components determine the frequency range:
Capacitor Cfmin connected between the CFMIN pin and ground sets the minimum
frequency in combination with an internally trimmed current source Iosc(min).
Resistor Rfmax connected between the RFMAX pin and ground sets the frequency
range and thus the maximum frequency.
The oscillator frequency depends on the charge and discharge currents of Cfmin. The
charge and discharge current contains a fixed component, Iosc(min), which determines the
minimum frequency. In addition, a variable component that is 4.9 times greater than the
current in the RFMAX pin. The value of Rfmax and the RFMAX voltage pin determine
IRFMAX:
The voltage on the RFMAX pin is Vfmin(RFMAX) = 0 V at the minimum frequency.
The voltage on the RFMAX pin is Vfmax(fb)(RFMAX) = 1.5 V at the maximum feedback
frequency.
The voltage on the RFMAX pin is Vfmax(ss)(RFMAX) = 2.5 V at the maximum soft-start
frequency.
The maximum frequency of the oscillator is internally limited. The HB frequency is limited
to flimit(HB) (minimum. 500 kHz). Figure 13 shows the relationship between VRFMAX, Rfmax,
Cfmin and fHB.
Fig 12. Determination of frequency
VOLTAGE PIN SSHBC
POLARITY INVERSION
(max 2.5 V)
VOLTAGE PIN RFMAX
CONVERSION TO CURRENT
via Rfmax
FEEDBACK CURRENT
PIN SNSFB
FIXED fmin CURRENT
CONVERSION TO
VOLTAGE (max 1.5 V)
(DIS-)CHARGE CURRENT
PIN CFMIN
CONVERSION TO
FRQUENCY via Cfmin
014aaa860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com