| Electronic Components Datasheet Search |
|
SSL4120 Datasheet(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL4120 Datasheet(HTML) 22 Page - NXP Semiconductors |
|
22 / 48 page ![]() SSL4120 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 2 — 1 November 2012 22 of 48 NXP Semiconductors SSL4120 Resonant power supply controller IC with PFC for LED lighting The HB transition time depends on the resonant current amplitude when switching starts. There is a complex relationship between this amplitude, the frequency, Vboost and the output voltage. Ideally, the IC switches on the MOSFET when the HB transition is complete. If it waits any longer, VHB can swing back, especially at high output loads. The advanced adaptive non-overlap time function controls the timing. The adaptive non-overlap time function makes it unnecessary to choose a fixed dead time (which is always a compromise). This saves on external components. Adaptive non-overlap time sensing measures the HB slope after one MOSFET has been switched off. Normally, the HB slope starts immediately (the voltage starts rising or falling). Once the transition at the HB node is complete, the slope ends (the voltage stops rising/falling). This slope end is detected by the ANO time sensor and the other MOSFET is switched on. In this way, the non-overlap time is automatically optimized even when the HB transition cannot be completed which minimizes switching losses. Figure 10 illustrates the adaptive non-overlap time function operation of the inductive mode. The non-overlap time depends on the HB slope but it has upper and lower limits. An integrated minimum non-overlap time, tno(min) prevents cross conduction occurring under any circumstances. The maximum non-overlap time is limited to the oscillator charge time. If the HB slope is longer than the oscillator charge time (1⁄4 of HB switching period), the MOSFET is forced to switch on. In this case, the MOSFET is not soft switching. This limitation ensures the MOSFET on-time is at least 1⁄4 of the HB switching period at very high switching frequencies. 7.8.4.2 Capacitive mode Section 7.8.4.1 is true for normal operation with a switching frequency higher than the resonance frequency. When an error condition occurs (for example; output short, load pulse too high) the switching frequency is lower than the resonance frequency. The resonant tank then has a capacitive impedance. In capacitive mode, the HB slope does not start after the MOSFET switches off. Switching on the other MOSFET is not recommended in this situation. The absence of soft switching increases dissipation in the Fig 10. Adaptive non-overlap time function (normal inductive operation) fast HB slope Vboost HB GATELS GATEHS 0 slow HB slope incomplete HB slope t 014aaa858 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |