Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 12Page - NXP Semiconductors SSL4120 Datasheet HTML 13Page - NXP Semiconductors SSL4120 Datasheet HTML 14Page - NXP Semiconductors SSL4120 Datasheet HTML 15Page - NXP Semiconductors SSL4120 Datasheet HTML 16Page - NXP Semiconductors SSL4120 Datasheet HTML 17Page - NXP Semiconductors SSL4120 Datasheet HTML 18Page - NXP Semiconductors SSL4120 Datasheet HTML 19Page - NXP Semiconductors SSL4120 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
16 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
7.7 PFC controller
The PFC controller converts the rectified universal mains voltage into an accurately
regulated Vboost of 400 V (DC) or 450 V (DC). It operates in Quasi-Resonant (QR) or
Discontinuous Conduction Mode (DCM) and is controlled using an on-time control
system. The resulting mains harmonic current emissions of a typical application can meet
the Class-C MHR requirements for lighting applications.
The PFC controller uses valley switching to minimize losses. A primary stroke is only
started once the previous secondary stroke ends and the voltage across the PFC
MOSFET reaches a minimum value.
7.7.1 PFC gate driver (GATEPFC pin)
The circuit driving the gate of the power MOSFET has a high current sourcing capability
Isource(GATEPFC) of 500 mA. It also has a high current sink capability Isink(GATEPFC) of 1.2 A.
The source and sink capabilities enable fast power MOSFET switch-on and switch-off to
ensure efficient operation. The driver is supplied from the regulated SUPREG supply.
7.7.2 PFC on-time control
The PFC operates under on-time control. The following determine the PFC MOSFET
on-time:
the error amplifier and the loop compensation using the COMPPFC pin voltage
– At Vton(COMPPFC)zero = 3.5 V, the on-time is reduced to zero.
– At Vton(COMPPFC)max = 1.25 V, the on-time is at a maximum
Mains compensation using the SNSMAINS pin voltage
The on-time must be modulated with the mains voltage to reach the Class-C MHR
requirements. In the application, this is achieved when a modulation current is injected
into the COMPPFC network using a capacitor which connects to the mains voltage, see
Figure 19.
7.7.2.1
PFC error amplifier (COMPPFC and SNSBOOST pins)
Vboost is divided using a high-ohmic resistive divider. It is supplied to the SNSBOOST pin.
The transconductance error amplifier, which compares the SNSBOOST voltage with an
accurate trimmed reference voltage Vreg(SNSBOOST), is connected to this pin. The external
loop compensation network on the COMPPFC pin filters the output current. In a typical
application, a resistor and two capacitors set the regulation loop bandwidth.
The COMPPFC voltage is clamped at a maximum of Vclamp(COMPPFC). This clamp avoids a
long recovery time if Vboost rises above the regulation level for a period.
7.7.2.2
PFC mains compensation (SNSMAINS pin)
The mathematical equation for the transfer function of a power factor corrector contains
the square of the mains input voltage. In a typical application, this results in a low
bandwidth for low mains input voltages. At high mains input voltages, the MHR
requirements are hard to meet.
The SSL4120 contains a correction circuit to compensate for this effect. The average
mains voltage is measured using the SNSMAINS pin and this information is supplied to an
internal compensation circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com