| Electronic Components Datasheet Search |
|
SSL4120 Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL4120 Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 48 page ![]() SSL4120 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 2 — 1 November 2012 13 of 48 NXP Semiconductors SSL4120 Resonant power supply controller IC with PFC for LED lighting 7.5.2 Protection and restart timer The SSL4120 contains a programmable timer which can be used for timing several protection functions. The timer can be used in two ways: as a protection timer and as a restart timer. The timing of the timers is set independently using the external resistor Rprot and capacitor Cprot connected to the RCPROT pin. 7.5.2.1 Protection timer Certain error conditions are allowed to persist for a time period before protective action must be taken. The protection timer defines the protection period (how long the error can persist before the protection function is triggered). The protection functions that use the protection timer are found in the protection overview in Section 7.9. Figure 5 shows the operation of the protection timer. When an error condition occurs, a fixed current Ich(slow)(RCPROT) = 100 A flows from the RCPROT pin and charges Cprot. Rprot causes the voltage to increase exponentially. The protection time elapses when the RCPROT voltage reaches the upper switching level. When the protection time has elapsed, the appropriate protective action is taken and Cprot is discharged. If the error condition is removed before the voltage on the RCPROT pin reaches Vu(RCPROT), Cprot is discharged using Rprot and no action is taken. The RCPROT voltage can be forced > Vu(RCPROT) by an external circuit to trigger a restart. 7.5.2.2 Restart timer The IC must be disabled for a time period on certain error conditions. Particularly when the error condition can cause components to overheat. In such cases, the IC is disabled to allow the power supply to cool down. It automatically restarts. The restart timer determines the restart time. The restart timer is active in the Restart state. The protection functions which trigger a restart are found in the protection functions overview in Section 7.9. Fig 5. Operation of the protection timer passed 0 0 none present short error long error repetative error Vu(RCPROT) Ich(slow)(RCPROT) IRCPROT Error VRCPROT t Protection time 014aaa853 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |