Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 10Page - NXP Semiconductors SSL4120 Datasheet HTML 11Page - NXP Semiconductors SSL4120 Datasheet HTML 12Page - NXP Semiconductors SSL4120 Datasheet HTML 13Page - NXP Semiconductors SSL4120 Datasheet HTML 14Page - NXP Semiconductors SSL4120 Datasheet HTML 15Page - NXP Semiconductors SSL4120 Datasheet HTML 16Page - NXP Semiconductors SSL4120 Datasheet HTML 17Page - NXP Semiconductors SSL4120 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
14 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
Figure 6 shows the operation of the restart timer. Normally Cprot is discharged to 0 V.
When a restart is requested, Cprot is quickly charged to the upper switching level
Vu(RCPROT). Then the RCPROT pin becomes high ohmic and Cprot discharges through
Rprot. The restart time has elapsed when VRCPROT reaches the lower switching level
Vl(RCPROT) = 0.5 V. The IC restarts and Cprot is discharged.
7.5.3 Fast shut-down reset (SNSMAINS pin)
The latched Protection shut-down state is reset when VSUPIC and VSUPHV drop below their
respective reset levels, Vrst(SUPIC) and Vrst(SUPHV). Typically, the PFC boost capacitor
Cboost, must discharge before VSUPIC and VSUPHV drop below their reset levels.
Discharging Cboost can take a long time.
Fast shut-down reset causes a faster reset. When the mains supply is interrupted, the
voltage on the SNSMAINS pin falls. When VSNSMAINS falls below Vrst(SNSMAINS) and then
increases again by a hysteresis value, the IC leaves the Protection shut-down state. The
boost capacitor Cboost does not require discharging to trigger a new start-up.
The Protection shutdown state is also exited by pulling down the enable input (the
SSHBC/EN pin).
7.5.4 Output overvoltage protection (SNSOUT pin)
The SSL4120 outputs are provided with overvoltage protection (OVP output; see
Section 7.9). The output voltage is measured using the resonant transformer auxiliary
winding. The voltage is sensed on the SNSOUT pin using an external rectifier and
resistive divider. An overvoltage is detected when the SNSOUT voltage exceeds
Vovp(SNSOUT). When an overvoltage is detected, the SSL4120 enters the Protection
shut-down state.
Additional external protection circuits, such as an external OTP circuit, can be connected
to this pin. Connect them to the SNSOUT pin using a diode to ensure that an error
condition triggers an OVP event.
Fig 6.
Operation of the restart timer
passed
0
no
yes
Vu(RCPROT)
Vl(RCPROT)
Restart request
014aaa854
VRCPROT
t
Restart time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com