Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 21Page - NXP Semiconductors SSL4120 Datasheet HTML 22Page - NXP Semiconductors SSL4120 Datasheet HTML 23Page - NXP Semiconductors SSL4120 Datasheet HTML 24Page - NXP Semiconductors SSL4120 Datasheet HTML 25Page - NXP Semiconductors SSL4120 Datasheet HTML 26Page - NXP Semiconductors SSL4120 Datasheet HTML 27Page - NXP Semiconductors SSL4120 Datasheet HTML 28Page - NXP Semiconductors SSL4120 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
25 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
The half-bridge slope controls the oscillator. The oscillator charge current is initially set to
a low value Iosc(red) =30 A. When the start of the half-bridge slope is detected, the
charge current is increased to its normal value. This feature is used in combination with
the adaptive non-overlap time function as described in Section 7.8.4.2 and Figure 11.
The length of time the oscillator current is low is negligible under normal operating
conditions because the half-bridge slope normally starts directly after the MOSFET is
switched off.
7.8.6 HBC feedback input (SNSFB pin)
In a typical power supply application, the output voltage is compared and amplified on the
secondary side. The error amplifier output is transferred to the primary side using an
optocoupler. This optocoupler can be connected directly to the SNSFB pin.
The SNSFB pin supplies the optocoupler from an internal voltage source
Vpu(SNSFB) = 8.4 V with the RO(SNSFB) series resistance. The series resistance allows spike
filtering using an external capacitor. To ensure sufficient optocoupler bias current, the
feedback input has a threshold current Ifmin(SNSFB) = 0.66 mA at which the frequency is at
a minimum.
The maximum frequency is reached at Ifmax(SNSFB) = 2.2 mA. The maximum frequency
that can be reached using the SNSFB pin is lower (60 %) than the maximum frequency
that can be reached using the SSHBC/EN pin. Figure 14 shows the relationship between
ISNSFB, VSNSFB and VRFMAX.
A: Cfmin =high, Rfmax =high.
B: Cfmin =low, Rfmax =low.
C: Cfmin = low, Rfmax = too low.
Fig 13. Function of Rfmax and Cfmin
flimit(HB)
fmax(B)
Vfmax(fb)(RFMAX) Vfmax(ss)(RFMAX)
VRFMAX
A
B
C
fmax(A)
fmin(B and C)
fmin(A)
0
fHB
014aaa861



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com