Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 32Page - NXP Semiconductors SSL4120 Datasheet HTML 33Page - NXP Semiconductors SSL4120 Datasheet HTML 34Page - NXP Semiconductors SSL4120 Datasheet HTML 35Page - NXP Semiconductors SSL4120 Datasheet HTML 36Page - NXP Semiconductors SSL4120 Datasheet HTML 37Page - NXP Semiconductors SSL4120 Datasheet HTML 38Page - NXP Semiconductors SSL4120 Datasheet HTML 39Page - NXP Semiconductors SSL4120 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
36 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
Output voltage protection sensing, UVP/OVP output (SNSOUT pin)
Vovp(SNSOUT)
overvoltage protection voltage on
pin SNSOUT
[2] 3.4
3.5
3.6
V
Vuvp(SNSOUT)
under-voltage protection voltage on
pin SNSOUT
[2] 2.2
2.35
2.5
V
Overtemperature protection
Totp
overtemperature protection trip
temperature
[2] 130
150
160
C
Burst mode activation (SNSOUT pin)
Vburst(HBC)
HBC burst mode voltage
[2] 0.9
1.1
1.2
V
Vburst(PFC)
PFC burst mode voltage
[2] 0.3
0.4
0.5
V
Ipu(SNSOUT)
pull-up current on pin SNSOUT
-
100
80
A
Vpu(SNSOUT)
pull-up voltage on pin SNSOUT
RSNSOUT =25k to SGND
-
1.5
-
V
PFC driver (GATEPFC pin)
Isource(GATEPFC)
source current on pin GATEPFC
VGATEPFC =2V
-
0.5
A
Isink(GATEPFC)
sink current on pin GATEPFC
VGATEPFC =2V
-
0.7
-
A
VGATEPFC =10V
-
1.2
-
A
PFC on-timer (COMPPFC pin)
Vton(COMPPFC)zero
zero on-time voltage on pin
COMPPFC
-3.5
-
V
Vton(COMPPFC)max
maximum on-time voltage on pin
COMPPFC
-1.25
-
V
fmax(PFC)
PFC maximum frequency
300
380
460
kHz
toff(PFC)min
minimum PFC off-time
-
1.1
-
s
PFC error amplifier (SNSBOOST and COMPPFC pins)
Vreg(SNSBOOST)
regulation voltage on pin
SNSBOOST pin
ICOMPPFC = 0 A
2.475 2.5
2.525 V
gm
transconductance
VSNSBOOST to ICOMPPFC
-80
-
A/V
Isink(COMPPFC)
sink current on pin COMPPFC
VSNSBOOST =2V
-
39
-
A
Isource(COMPPFC)
source current on pin COMPPFC
VSNSBOOST =3.3 V
-
39
-
A
Vclamp(COMPPFC)
clamp voltage on pin COMPPFC
[3] -3.9
-
V
PFC mains compensation (SNSMAINS pin)
ton(max)
maximum on-time
high mains;
VSNSMAINS =3.3 V
3.5
4.7
5.9
s
low mains;
VSNSMAINS =0.97 V
29
44
59
s
Vmvc(SNSMAINS)max
maximum mains voltage
compensation voltage on pin
SNSMAINS
4-
-
V
Table 7.
Characteristics …continued
Tamb =25 C; VSUPIC =20V; VSUPHV > 40 V; all voltages are measured with respect to SGND; currents are positive when
flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com