Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 30Page - NXP Semiconductors SSL4120 Datasheet HTML 31Page - NXP Semiconductors SSL4120 Datasheet HTML 32Page - NXP Semiconductors SSL4120 Datasheet HTML 33Page - NXP Semiconductors SSL4120 Datasheet HTML 34Page - NXP Semiconductors SSL4120 Datasheet HTML 35Page - NXP Semiconductors SSL4120 Datasheet HTML 36Page - NXP Semiconductors SSL4120 Datasheet HTML 37Page - NXP Semiconductors SSL4120 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
34 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
[1]
Equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
[2]
Equivalent to discharging a 200 pF capacitor through a 0.75
H coil and a 10  resistor.
9.
Thermal characteristics
10. Characteristics
ESD
VESD
Electrostatic discharge voltage
Human body model
pin 12 (SUPHV)
[1] -1.5
kV
pin 13,14,15 (HS driver)
[1] -1
kV
other pins
[1] -2
kV
Machine model
all pins
[2] -
200
V
Charged device model
all pins
-
500
V
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are measured with respect to pin SGND;
Currents are positive when flowing into the IC; The voltage ratings are valid provided other ratings are not violated; Current
ratings are valid provided the maximum power rating is not violated.
Symbol
Parameter
Conditions
Min
Max
Unit
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
in free air; JEDEC single layer test board
90
K/W
Table 7.
Characteristics
Tamb =25 C; VSUPIC =20V; VSUPHV > 40 V; all voltages are measured with respect to SGND; currents are positive when
flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
High-voltage start-up source (SUPHV pin)
Idism(SUPHV)
disable mode current on pin
SUPHV
disabled IC state
-
150
-
A
Ired(SUPHV)
reduced current on pin SUPHV
VSUPIC <Vscp(SUPIC)
-1.1
-
mA
Inom(SUPHV)
nominal current on pin SUPHV
VSUPIC <Vstart(hvd)(SUPIC)
-5.1
-
mA
Itko(SUPHV)
takeover current on pin SUPHV
VSUPIC >Vstart(hvd)(SUPIC)
-7
-
A
Vdet(SUPHV)
detection voltage on pin SUPHV
-
-
25
V
Vrst(SUPHV)
reset voltage on pin SUPHV
VSUPIC <Vrst(SUPIC)
-7
-
V
Low-voltage IC supply (SUPIC pin)
Vstart(hvd)(SUPIC)
start voltage with high voltage
detected
VSUPHV >Vdet(SUPHV)
21
22
23
V
Vstart(nohvd)(SUPIC)
start voltage with no high voltage
detected
VSUPHV <Vdet(SUPHV) or open
16.1
17
17.9
V
Vstart(hys)(SUPIC)
hysteresis of start voltage on pin
SUPIC
-0.3
-
V
Vuvp(SUPIC)
undervoltage protection voltage on
pin SUPIC
14.2
15
15.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com