Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 36Page - NXP Semiconductors SSL4120 Datasheet HTML 37Page - NXP Semiconductors SSL4120 Datasheet HTML 38Page - NXP Semiconductors SSL4120 Datasheet HTML 39Page - NXP Semiconductors SSL4120 Datasheet HTML 40Page - NXP Semiconductors SSL4120 Datasheet HTML 41Page - NXP Semiconductors SSL4120 Datasheet HTML 42Page - NXP Semiconductors SSL4120 Datasheet HTML 43Page - NXP Semiconductors SSL4120 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
40 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
[1]
The marked levels on this pin are correlated. The voltage difference between the levels has much less spread than the absolute value of
the levels themselves.
[2]
Switching level has some hysteresis. The hysteresis falls within the limits.
[3]
For a typical application with a compensation network on the COMPPFC pin, as the example in Figure 19.
[4]
Minimum required voltage change time for valley recognition on the SNSAUXPFC pin.
[5]
Minimum time required between demagnetization detection and
V/t = 0 on the SNSAUXPFC pin.
Vocp(HBC)
HBC overcurrent protection voltage
positive level;
HS on + HS-LS non-overlap
time
0.9
1
1.1
V
negative level;
LS on + LS-HS non-overlap
time
1.1
1
0.9
V
Ibstc(SNSCURHBC)max
maximum boost compensation
current on pin SNSCURHBC
VSNSBOOST =1.8 V
source current;
VSNSCURHBC = 0.5 V
-
170
-
A
sink current;
VSNSCURHBC =0.5 V
-
170
-
A
HBC Capacitive Mode Protection (CMP) (HB pin)
tto(cmr)
time-out capacitive mode regulation
-
690
-
ns
Table 7.
Characteristics …continued
Tamb =25 C; VSUPIC =20V; VSUPHV > 40 V; all voltages are measured with respect to SGND; currents are positive when
flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com