Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 11Page - NXP Semiconductors SSL4120 Datasheet HTML 12Page - NXP Semiconductors SSL4120 Datasheet HTML 13Page - NXP Semiconductors SSL4120 Datasheet HTML 14Page - NXP Semiconductors SSL4120 Datasheet HTML 15Page - NXP Semiconductors SSL4120 Datasheet HTML 16Page - NXP Semiconductors SSL4120 Datasheet HTML 17Page - NXP Semiconductors SSL4120 Datasheet HTML 18Page - NXP Semiconductors SSL4120 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
15 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
7.5.5 Output undervoltage protection (SNSOUT pin)
If an error condition causes an output voltage drop when the SSL4120 is supplied from
the HBC transformer auxiliary winding, a SUPIC UVP event is automatically triggered.
If an error condition causes a decrease in the output voltage when the IC is supplied from
a separate DC source (for example, a standby supply), the IC does not automatically stop
switching. To counter this, the IC outputs are provided with undervoltage protection (UVP
output; see Section 7.9).
If VSNSOUT <Vuvp(SNSOUT) = 2.3 V, a UVP output event restarts the IC.
During start-up, the output voltage is less than Vuvp(SNSOUT) for a time. This voltage drop is
not considered as an error condition if it does not last longer than expected. The
protection timer is started when VSNSOUT <Vuvp(SNSOUT) for this reason. The Restart state
is activated if the UVP output event is still active when the protection time has expired.
7.5.6 OverTemperature Protection (OTP)
Accurate internal overtemperature protection is provided in the SSL4120. When the
junction temperature exceeds the overtemperature protection activation temperature,
Totp = 150 C), the IC enters the Thermal hold state. The SSL4120 exits the Thermal hold
state when the temperature falls again to approximately Totp  10 C.
7.6 Burst mode operation (SNSOUT pin)
The HBC and PFC controllers can be operated in burst mode. In burst mode, the
controllers are on for a period, then off for a period. Burst mode operation increases
efficiency under low-load conditions.
A low-load condition can be detected using a simple external circuit that uses the
information from the feedback loop or from the average primary current. The detection
circuit can pull down the SNSOUT pin to pause the SSL4120 operation for a burst-off
time. Only the HBC controller or both controllers can be paused during the burst-off time:
Burst-off level for HBC, Vburst(HBC) =1 V
When VSNSOUT <Vburst(HBC), the HBC controller is suspended. Both the high-side and
the low-side power switches are off. The PFC continues to operate normally. When
VSNSOUT >Vburst(HBC) again, the HBC controller resumes normal operation, without
executing a soft-start sequence.
Burst-off level for PFC, Vburst(PFC) =0.4 V
When VSNSOUT <Vburst(PFC), operation of the PFC controller is also suspended (the
HBC is already paused). When VSNSOUT >Vburst(PFC) again, the PFC controller
resumes normal operation using a PFC soft-start (see Section 7.7.6).
To ensure that burst mode is not activated before the output voltage becomes valid,
current from the SNSOUT pin (100
A) holds V
SNSOUT at Vpu(SNSOUT). This level is above
both burst levels. The resistance between the SNSOUT pin and ground must be > 20 k
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com