Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 31Page - NXP Semiconductors SSL4120 Datasheet HTML 32Page - NXP Semiconductors SSL4120 Datasheet HTML 33Page - NXP Semiconductors SSL4120 Datasheet HTML 34Page - NXP Semiconductors SSL4120 Datasheet HTML 35Page - NXP Semiconductors SSL4120 Datasheet HTML 36Page - NXP Semiconductors SSL4120 Datasheet HTML 37Page - NXP Semiconductors SSL4120 Datasheet HTML 38Page - NXP Semiconductors SSL4120 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
35 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
Vrst(SUPIC)
reset voltage on pin SUPIC
VSUPHV <Vrst(SUPHV)
-7
-
V
Vscp(SUPIC)
short-circuit protection voltage on
pin SUPIC
0.55
0.65
0.75
V
Ich(red)(SUPIC)
reduced charge current on pin
SUPIC
VSUPIC <Vscp(SUPIC)
-
0.95 -
mA
Ich(nom)(SUPIC)
nominal charge current on pin
SUPIC
-
4.8
-
mA
Idism(SUPIC)
current on pin SUPIC in disabled
mode
disabled IC state
-
0.25
-
mA
Iprotm(SUPIC)
current on pin SUPIC in protection
mode
SUPIC charge, SUPREG
charge; Restart or
Shut-down state
-0.4
-
mA
Ioper(SUPIC)
current on pin SUPIC in operating
mode
Operational supply state;
Driver pins open.
-3
-
mA
Regulated supply (SUPREG pin)
Vreg(SUPREG)
regulation voltage on pin SUPREG
ISUPREG = 40 mA
[1] 10.6
10.9
11.2
V
Vstart(SUPREG)
start voltage on pin SUPREG
[1] -
10.7
-
V
Vuvp(SUPREG)
undervoltage protection voltage on
pin SUPREG
[1] -
10.3
-
V
Ich(SUPREG)max
maximum charge current on pin
SUPREG
VSUPREG > Vuvp(SUPREG)
40
100
-
mA
Ich(red)(SUPREG)
reduced charge current on pin
SUPREG
VSUPREG <Vuvp(SUPREG);
T=25
C.
-
5.5
-
mA
T=140
C
2.5
-
-
mA
Enable input (SSHBC/EN pin)
Ven(PFC)(EN)
PFC enable voltage on pin EN
PFC only
[2] 0.8
1.2
1.4
V
Ven(IC)(EN)
IC enable voltage on pin EN
PFC + HBC
[2] 1.8
2.2
2.4
V
Ipu(EN)
pull-up current on pin EN
VSSHBC/EN =2.5 V
-
42
-
A
Vpu(EN)
pull-up voltage on pin EN
-
3
-
V
Fast shut-down reset (SNSMAINS pin)
Vrst(SNSMAINS)
reset level on pin SNSMAINS
[2] -0.8
-
V
Protection and restart timer (RCPROT pin)
Vu(RCPROT)
upper voltage on pin RCPROT
3.8
4
4.2
V
Vl(RCPROT)
lower voltage on pin RCPROT
0.4
0.5
0.6
V
Ich(fast)(RCPROT)
fast-charge current on pin RCPROT
-
2.2
-
mA
Ich(slow)(RCPROT)
slow-charge current on pin
RCPROT
120 100
80
A
Table 7.
Characteristics …continued
Tamb =25 C; VSUPIC =20V; VSUPHV > 40 V; all voltages are measured with respect to SGND; currents are positive when
flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com