Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 35Page - NXP Semiconductors SSL4120 Datasheet HTML 36Page - NXP Semiconductors SSL4120 Datasheet HTML 37Page - NXP Semiconductors SSL4120 Datasheet HTML 38Page - NXP Semiconductors SSL4120 Datasheet HTML 39Page - NXP Semiconductors SSL4120 Datasheet HTML 40Page - NXP Semiconductors SSL4120 Datasheet HTML 41Page - NXP Semiconductors SSL4120 Datasheet HTML 42Page - NXP Semiconductors SSL4120 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
39 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
Vfmin(SNSFB)
minimum frequency voltage on pin
SNSFB
6.1
6.4
6.9
V
Ifmin(SNSFB)
minimum frequency current on pin
SNSFB
VSSHBC/EN > Vfmin(SSHBC)
0.86 0.66 0.46 mA
Vfmax(SNSFB)
maximum frequency voltage on pin
SNSFB
VSSHBC/EN > Vfmin(SSHBC)
3.9
4.1
4.3
V
Ifmax(SNSFB)
maximum frequency current on pin
SNSFB
VSSHBC/EN > Vfmin(SSHBC)
-
2.2
-
mA
Vclamp(SNSFB)
clamp voltage on pin SNSFB
maximum frequency;
ISNSFB = 4mA
-3.2
-
V
Iclamp(SNSFB)
clamp current on pin SNSFB
maximum frequency;
VSNSFB =0V
-
7.3
-
mA
HBC soft-start (SSHBC/EN pin)
Vfmax(SSHBC)
maximum frequency voltage on pin
SSHBC
-3.2
-
V
Vfmin(SSHBC)
minimum frequency voltage on pin
SSHBC
VSNSFB > Vfmin(SNSFB)
7.5
7.9
8.3
V
Vclamp(SSHBC)
clamp voltage on pin SSHBC
-
8.4
-
V
Vss(hf-lf)(SSHBC)
high-low frequency soft-start
voltage on pin SSHBC
[2] -5.6
-
V
Iss(hf)(SSHBC)
high frequency soft-start current on
pin SSHBC
VSSHBC < Vss(lf-hf)(SSHBC)
charge current
-
160
-
A
discharge current
-
160
-
A
Iss(lf)(SSHBC)
low frequency soft-start current on
pin SSHBC
VSSHBC > Vss(lf-hf)(SSHBC)
charge current
-
40
-
A
discharge current
-
40
-
A
Icmr(hf)(SSHBC)
high frequency CMR current on pin
SSHBC
VSSHBC < Vss(lf-hf)(SSHBC)
discharge only
-
1800
-
A
Icmr(lf)(SSHBC)
low frequency CMR current on pin
SSHBC
VSSHBC > Vss(lf-hf)(SSHBC)
discharge only
-
440
-
A
HBC high frequency sensing, HFP - HBC (RFMAX pin)
Vhfp(RFMAX)
High-frequency protection voltage
on pin RFMAX
[2] 1.7
1.83
2
V
HBC overcurrent sensing, OCR/OCP - HBC (SNSCURHBC pin)
Vocr(HBC)
HBC overcurrent regulation voltage
positive level;
HS on + HS-LS non-overlap
time
0.45
0.5
0.55
V
negative level;
LS on + LS-HS non-overlap
time
0.55 0.5
0.45 V
Table 7.
Characteristics …continued
Tamb =25 C; VSUPIC =20V; VSUPHV > 40 V; all voltages are measured with respect to SGND; currents are positive when
flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com