Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL4120 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # SSL4120
Description  Resonant power supply controller IC with PFC for LED lighting
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button SSL4120 Datasheet HTML 34Page - NXP Semiconductors SSL4120 Datasheet HTML 35Page - NXP Semiconductors SSL4120 Datasheet HTML 36Page - NXP Semiconductors SSL4120 Datasheet HTML 37Page - NXP Semiconductors SSL4120 Datasheet HTML 38Page - NXP Semiconductors SSL4120 Datasheet HTML 39Page - NXP Semiconductors SSL4120 Datasheet HTML 40Page - NXP Semiconductors SSL4120 Datasheet HTML 41Page - NXP Semiconductors SSL4120 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
SSL4120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 November 2012
38 of 48
NXP Semiconductors
SSL4120
Resonant power supply controller IC with PFC for LED lighting
Iprot(SNSBOOST)
protection current on pin
SNSBOOST
VSNSBOOST = 2.5 V
-
45
100
nA
HBC high-side and low-side driver (GATEHS and GATELS pins)
Isource(GATEHS)
source current on pin GATEHS
VGATEHS  VHB =4V
-
310
-
mA
Isource(GATELS)
source current on pin GATELS
VGATELS  VPGND =4V
-
310
-
mA
Isink(GATEHS)
sink current on pin GATEHS
VGATEHS  VHB = 2 V;
-
560
-
mA
VGATEHS  VHB =11V
-
1.9
-
A
Isink(GATELS)
sink current on pin GATELS
VGATELS  VPGND = 2 V
-
560
-
mA
VGATELS  VPGND =11V
-
1.9
-
A
Vrst(SUPHS)
reset voltage on pin SUPHS
-
4.5
-
V
Iq(SUPHS)
quiescent current on pin SUPHS
VSUPHS  VHB =11 V
-
37
-
A
HBC adaptive non-overlap time (HB pin)
(dV/dt)ano(min)
minimum adaptive non-overlap time
rate of voltage change
-
-
120
V/
s
tno(min)
minimum non-overlap time
-
-
160
ns
HBC current controlled oscillator (CFMIN and RFMAX pin)
fmin(HB)
minimum frequency on pin HB
Cfmin =390 pF;
VSSHBC/EN >Vfmin(SSHBC)
VSNSFB > Vfmin(SNSFB)
40
44
48
kHz
Iosc(min)
minimum oscillator current
VRFMAX = 0 V; charge and
discharge
-
150
-
A
Iosc(max)
maximum oscillator current
Rfmax =15k;
VRFMAX=2.5 V;
VSSHBC/EN <Vfmax(SSHBC)
-
970
-
A
Iosc(red)
reduced oscillator current
slowed-down oscillator
-
30
-
A
ICFMIN/IRFMAX
current on pin CFMIN to current on
pin RFMAX ratio
-4.9
-
flimit(HB)
limit frequency on pin HB
Cfmin = 20 pF
500
670
-
kHz
Vu(CFMIN)
upper voltage on pin CFMIN
2.85
3
3.15
V
Vl(CFMIN)
lower voltage on pin CFMIN
0.9
1
1.1
V
Vfmin(RFMAX)
minimum frequency voltage on pin
RFMAX
-0
-
V
Vfmax(ss)(RFMAX)
maximum soft start frequency
voltage on pin RFMAX
VSSHBC/EN < Vfmax(SSHBC)
2.4
2.5
2.6
V
Vfmax(fb)(RFMAX)
maximum feedback frequency
voltage on pin RFMAX
VSNSFB < Vfmax(SNSFB)
1.45
1.55
1.65
V
HBC feedback input (SNSFB pin)
Vpu(SNSFB)
pull-up voltage on pin SNSFB
-
8.4
-
V
RO(SNSFB)
output resistance on pin SNSFB
-
1.5
-
k
Volp(SNSFB)
open-loop protection voltage on pin
SNSFB
[2] 77.7
7.9
V
Iolp(SNSFB)
open-loop protection current on pin
SNSFB
[2]
0.35 0.26 0.1
mA
Table 7.
Characteristics …continued
Tamb =25 C; VSUPIC =20V; VSUPHV > 40 V; all voltages are measured with respect to SGND; currents are positive when
flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com